Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4559EY Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SI4559EY
Description  N-Channel 60-V (D-S), 175°C MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI4559EY Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Si4559EY
Vishay Siliconix
Document Number: 70167
S-57253—Rev. D, 24-Feb-98
www.vishay.com
S FaxBack 408-970-5600
2-1
N-Channel 60-V (D-S), 175
°C MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
N-Channel
60
0.055 @ VGS = 10 V
"4.5
N-Channel
60
0.075 @ VGS = 4.5 V
"3.9
P-Channel
–60
0.120 @ VGS = –10 V
"3.1
P-Channel
–60
0.150 @ VGS = –4.5 V
"2.8
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
D1 D1
G1
S1
S2
G2
D2 D2
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
60
–60
V
Gate-Source Voltage
VGS
"20
"20
V
Continuous Drain Current (TJ = 175_C)a
TA = 25_C
ID
"4.5
"3.1
A
Continuous Drain Current (TJ = 175_C)a
TA = 70_C
ID
"3.8
"2.6
A
Pulsed Drain Current
IDM
"30
"30
A
Continuous Source Current (Diode Conduction)a
IS
2.0
–2.0
Maximum Power Dissipationa
TA = 25_C
PD
2.4
W
Maximum Power Dissipationa
TA = 70_C
PD
1.7
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N- or P- Channel
Unit
Maximum Junction-to-Ambienta
RthJA
62.5
_C/W
Notes
a.
Surface Mounted on FR4 Board, t
v 10 sec.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn