Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS10064CDAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS10064CDAR
Description  10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS10064CDAR Datasheet(HTML) 5 Page - Texas Instruments

  THS10064CDAR Datasheet HTML 1Page - Texas Instruments THS10064CDAR Datasheet HTML 2Page - Texas Instruments THS10064CDAR Datasheet HTML 3Page - Texas Instruments THS10064CDAR Datasheet HTML 4Page - Texas Instruments THS10064CDAR Datasheet HTML 5Page - Texas Instruments THS10064CDAR Datasheet HTML 6Page - Texas Instruments THS10064CDAR Datasheet HTML 7Page - Texas Instruments THS10064CDAR Datasheet HTML 8Page - Texas Instruments THS10064CDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
THS10064
SLAS255B – DECEMBER 1999 – REVISED DECEMBER 2002
www.ti.com
5
TIMING SPECIFICATION OF THE SINGLE CONVERSION MODE(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tc
Clock cycle of the internal clock oscillator
151
167
175
ns
1 analog input
1.5
×tc
t1
Pulse duration CONVST
2 analog inputs
2.5
×tc
ns
t1
Pulse duration, CONVST
3 analog inputs
3.5
×tc
ns
4 analog inputs
4.5
×tc
td(A)
Aperture time
1
ns
1 analog input
2
×tc
td2
Delay time between consecutive start of single
2 analog inputs
3
×tc
ns
td2
yg
conversion
3 analog inputs
4
×tc
ns
4 analog inputs
5
×tc
1 analog input,
TL = 1
6.5
×tc + 15
Delay time, DATA_AV becomes active for the
2 analog inputs, TL = 2
7.5
×tc +15
ns
y,
_
trigger level condition: TRIG0 = 0, TRIG1 = 0
3 analog inputs, TL = 3
8.5
×tc +15
ns
4 analog inputs, TL = 4
9.5
×tc +15
1 analog input,
TL = 4
3
×t2 +6.5×tc+15
td(DATA AV)
Delay time, DATA_AV becomes active for the
2 analog inputs, TL = 4
t2 +7.5×tc+15
ns
td(DATA_AV)
y,
_
trigger level condition: TRIG0 = 1, TRIG1 = 0
3 analog inputs, TL = 6
t2 +8.5×tc+15
ns
4 analog inputs, TL = 8
t2 +9.5×tc+15
1 analog input,
TL = 8
7
×t2 +6.5×tc+15
Delay time, DATA_AV becomes active for the
2 analog inputs, TL = 8
3
×t2 +7.5×tc+15
ns
y,
_
trigger level condition: TRIG0 = 0, TRIG1 = 1
3 analog inputs, TL = 9
2
×t2 +8.5×tc+15
ns
4 analog inputs, TL = 12
2
×t2 +9.5×tc+15
D l
ti
DATA AV b
ti
f
th
1 analog input,
TL = 14
13
×t2 +6.5×tc+15
td(DATA_AV)
Delay time, DATA_AV becomes active for the
trigger level condition: TRIG0 = 1 TRIG1 = 1
2 analog inputs, TL = 12
5
×t2 +7.5×tc+15
ns
(
_
)
trigger level condition: TRIG0 = 1, TRIG1 = 1
3 analog inputs, TL = 12
3
×t2 +8.5×tc+15
(1) Timing parameters are ensured by design but are not tested.
(2) See Figure 26.
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
D0
D1
D2
D3
D4
D5
BVDD
BGND
D6
D7
D8
D9
RA0
RA1
CONV_CLK (CONVST)
DATA_AV
AINP
AINM
BINP
BINM
REFIN
REFOUT
REFP
REFM
AGND
AVDD
CS0
CS1
WR (R/W)
RD
DVDD
DGND
DA (TSSOP) PACKAGE
(TOP VIEW)


Similar Part No. - THS10064CDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS10064CDA TI-THS10064CDA Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - THS10064CDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1007 TI1-THS1007_14 Datasheet
329Kb / 34P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1009 TI-THS1009 Datasheet
235Kb / 31P
[Old version datasheet]   10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
THS1007 TI-THS1007 Datasheet
246Kb / 36P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1207 TI-THS1207 Datasheet
249Kb / 30P
[Old version datasheet]   12 bit 4 ANALOG INPUT 6 MSPS SIMULTANEOUS SAMPLING
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1209 TI1-THS1209 Datasheet
318Kb / 33P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com