Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS10082IDAG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # THS10082IDAG4
Description  10-BIT, TWO ANALOG INPUT, 8-MSPS, SIMULTANAEOUS SAMPLING
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS10082IDAG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS10082IDAG4 Datasheet HTML 6Page - Texas Instruments THS10082IDAG4 Datasheet HTML 7Page - Texas Instruments THS10082IDAG4 Datasheet HTML 8Page - Texas Instruments THS10082IDAG4 Datasheet HTML 9Page - Texas Instruments THS10082IDAG4 Datasheet HTML 10Page - Texas Instruments THS10082IDAG4 Datasheet HTML 11Page - Texas Instruments THS10082IDAG4 Datasheet HTML 12Page - Texas Instruments THS10082IDAG4 Datasheet HTML 13Page - Texas Instruments THS10082IDAG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
THS10082
SLAS254B − MAY 2002 − REVISED NOVEMBER 2002
www.ti.com
10
TYPICAL CHARACTERISTICS
Figure 12
40
45
50
55
60
65
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
SIGNAL-TO-NOISE
vs
INPUT FREQUENCY (DIFFERENTIAL)
AVDD = 5 V, DVDD = BVDD = 3 V,
fs = 8 MSPS, AIN = −1 dB FS
fi − Input Frequency − MHz
Figure 13
40
45
50
55
60
65
70
75
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TOTAL HARMONIC DISTORTION
vs
INPUT FREQUENCY (SINGLE-ENDED)
fi − Input Frequency − MHz
AVDD = 5 V, DVDD = BVDD = 3 V,
fs = 8 MSPS, AIN = −1 dB FS
Figure 14
40
45
50
55
60
65
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
SIGNAL-TO-NOISE AND DISTORTION
vs
INPUT FREQUENCY (SINGLE-ENDED)
AVDD = 5 V, DVDD = BVDD = 3 V,
fs= 8 MSPS, AIN = −1 dB FS
fi − Input Frequency − MHz
Figure 15
40
45
50
55
60
65
70
75
80
85
90
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
SPURIOUS FREE DYNAMIC RANGE
vs
INPUT FREQUENCY (SINGLE-ENDED)
fi − Input Frequency − MHz
AVDD = 5 V, DVDD = BVDD = 3 V,
fs = 8 MSPS, AIN = −1 dB FS


Similar Part No. - THS10082IDAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS10082IDA TI-THS10082IDA Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
More results

Similar Description - THS10082IDAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
THS1009 TI-THS1009 Datasheet
235Kb / 31P
[Old version datasheet]   10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007 TI1-THS1007_14 Datasheet
329Kb / 34P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007 TI-THS1007 Datasheet
246Kb / 36P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064 TI1-THS10064_09 Datasheet
510Kb / 42P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1207 TI-THS1207 Datasheet
249Kb / 30P
[Old version datasheet]   12 bit 4 ANALOG INPUT 6 MSPS SIMULTANEOUS SAMPLING
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com