Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS10082IDAG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # THS10082IDAG4
Description  10-BIT, TWO ANALOG INPUT, 8-MSPS, SIMULTANAEOUS SAMPLING
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS10082IDAG4 Datasheet(HTML) 3 Page - Texas Instruments

  THS10082IDAG4 Datasheet HTML 1Page - Texas Instruments THS10082IDAG4 Datasheet HTML 2Page - Texas Instruments THS10082IDAG4 Datasheet HTML 3Page - Texas Instruments THS10082IDAG4 Datasheet HTML 4Page - Texas Instruments THS10082IDAG4 Datasheet HTML 5Page - Texas Instruments THS10082IDAG4 Datasheet HTML 6Page - Texas Instruments THS10082IDAG4 Datasheet HTML 7Page - Texas Instruments THS10082IDAG4 Datasheet HTML 8Page - Texas Instruments THS10082IDAG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
THS10082
SLAS254B − MAY 2002 − REVISED NOVEMBER 2002
www.ti.com
3
ELECTRICAL CHARACTERISTICS
over recommended operating conditions, DVDD = 3.3 V, AVDD = 5 V, VREF = internal (unless otherwise noted)
DIGITAL SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital inputs
IIH
High-level input current
DVDD = digital inputs
−50
50
µA
IIL
Low-level input current
Digital input = 0 V
−50
50
µA
Ci
Input capacitance
5
pF
Digital outputs
VOH
High-level output voltage
IOH = −50 µA,
BVDD = 3.3 V, 5 V
BVDD−0.5
V
VOL
Low-level output voltage
IOL = −50 µA,
BVDD = 3.3 V, 5 V
0.4
V
IOZ
High-impedance-state output current
CS1 = DGND,
CS0 = DVDD
−10
10
µA
CO
Output capacitance
5
pF
CL
Load capacitance at databus D0 −D9
30
pF
ELECTRICAL CHARACTERISTICS
over recommended operating conditions, AVDD = 5 V, DVDD = BVDD = 3.3 V, fs = 8 MSPS, VREF = internal (unless otherwise noted)
DC SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
10
Bits
Accuracy
Integral nonlinearity, INL
±1
LSB
Differential nonlinearity, DNL
±1
LSB
Offset error
After calibration in single-ended mode
±5
LSB
Offset error
After calibration in differential mode
−10
10
LSB
Gain error
−10
10
LSB
Analog input
Input capacitance
15
pF
Input leakage current
VAIN = VREFM to VREFP
±10
µA
Internal voltage reference
VREFP
Accuracy
3.3
3.5
3.7
V
VREFM
Accuracy
1.4
1.5
1.6
V
Temperature coefficient
50
PPM/
°C
Reference noise
100
µV
Accuracy, REFOUT
2.475
2.5
2.525
V
Power supply
IDDA
Analog supply current
AVDD = 5 V, BVDD = DVDD = 3.3 V
36
40
mA
IDDD
Digital supply current
AVDD = 5 V, BVDD = DVDD = 3.3 V
0.5
1
mA
IDDB
Buffer supply current
AVDD = 5 V, BVDD = DVDD = 3.3 V
1.5
4
mA
IDD_AP
Analog supply current in power-down mode
AVDD = 5 V, BVDD = DVDD = 3.3 V
8
mA
PD
Power dissipation
AVDD = 5 V, DVDD = BVDD = 3.3 V
186
216
mW
Power dissipation in powerdown
AVDD = 5 V, DVDD = BVDD = 3.3 V
30
mW


Similar Part No. - THS10082IDAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS10082IDA TI-THS10082IDA Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
More results

Similar Description - THS10082IDAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
THS1009 TI-THS1009 Datasheet
235Kb / 31P
[Old version datasheet]   10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007 TI1-THS1007_14 Datasheet
329Kb / 34P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007 TI-THS1007 Datasheet
246Kb / 36P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064 TI1-THS10064_09 Datasheet
510Kb / 42P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1207 TI-THS1207 Datasheet
249Kb / 30P
[Old version datasheet]   12 bit 4 ANALOG INPUT 6 MSPS SIMULTANEOUS SAMPLING
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com