Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS10082IDAG4 Datasheet(PDF) 27 Page - Texas Instruments

Part # THS10082IDAG4
Description  10-BIT, TWO ANALOG INPUT, 8-MSPS, SIMULTANAEOUS SAMPLING
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS10082IDAG4 Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS10082IDAG4 Datasheet HTML 23Page - Texas Instruments THS10082IDAG4 Datasheet HTML 24Page - Texas Instruments THS10082IDAG4 Datasheet HTML 25Page - Texas Instruments THS10082IDAG4 Datasheet HTML 26Page - Texas Instruments THS10082IDAG4 Datasheet HTML 27Page - Texas Instruments THS10082IDAG4 Datasheet HTML 28Page - Texas Instruments THS10082IDAG4 Datasheet HTML 29Page - Texas Instruments THS10082IDAG4 Datasheet HTML 30Page - Texas Instruments THS10082IDAG4 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
THS10082
SLAS254B − MAY 2002 − REVISED NOVEMBER 2002
www.ti.com
27
DATA_AV Type
Bit 4 and bit 5 (DATA_T, DATA_P) of control register 1 are used to program the signal DATA_AV. Bit 4 of control register 1
determines whether the DATA_AV signal is static or a pulse. Bit 5 of the control register determines the polarity of
DATA_AV. This is shown in Table 14.
Table 14. DATA_AV Type
BIT 5
DATA_P
BIT 4
DATA_T
DATA_AV TYPE
0
0
Active low level
0
1
Active low pulse
1
0
Active high level
1
1
Active high pulse
The signal DATA_AV is set to active when the trigger condition is satisfied. It is set back inactive dependent of the DATA_T
selection (pulse or level).
If level mode is chosen, DATA_AV is set inactive after the first of the TL (TL = trigger level) reads (with the falling edge of
READ). The trigger condition is checked again after TL reads. For single conversion mode, the DATA_AV type should be
programmed to active level mode.
If pulse mode is chosen, the signal DATA_AV is a pulse with a width of one half of a CONV_CLK cycle in continuous
conversion mode.
Read Timing (Using R/W, CS0-Controlled)
Figure 36 shows the read-timing behavior when the WR(R/W) input is programmed as a combined read-write input R/W.
The RD input has to be tied to high-level in this configuration. This timing is called CS0-controlled because CS0 is the last
external signal of CS0, CS1, and R/W which becomes valid.
90%
90%
90%
90%
90%
90%
10%
10%
tw(CS)
tsu(R/W)
th(R/W)
ta
th
td(CSDAV)
CS0
CS1
R/W
RD
D(0−9)
DATA_AV
Figure 36. Read Timing Diagram Using R/W (CS0-controlled)


Similar Part No. - THS10082IDAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS10082IDA TI-THS10082IDA Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
More results

Similar Description - THS10082IDAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
THS1009 TI-THS1009 Datasheet
235Kb / 31P
[Old version datasheet]   10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007 TI1-THS1007_14 Datasheet
329Kb / 34P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007 TI-THS1007 Datasheet
246Kb / 36P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064 TI1-THS10064_09 Datasheet
510Kb / 42P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1207 TI-THS1207 Datasheet
249Kb / 30P
[Old version datasheet]   12 bit 4 ANALOG INPUT 6 MSPS SIMULTANEOUS SAMPLING
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com