Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4031IDGNR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS4031IDGNR
Description  THS403x 100-MHz Low-Noise High-Speed Amplifiers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4031IDGNR Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4031IDGNR Datasheet HTML 4Page - Texas Instruments THS4031IDGNR Datasheet HTML 5Page - Texas Instruments THS4031IDGNR Datasheet HTML 6Page - Texas Instruments THS4031IDGNR Datasheet HTML 7Page - Texas Instruments THS4031IDGNR Datasheet HTML 8Page - Texas Instruments THS4031IDGNR Datasheet HTML 9Page - Texas Instruments THS4031IDGNR Datasheet HTML 10Page - Texas Instruments THS4031IDGNR Datasheet HTML 11Page - Texas Instruments THS4031IDGNR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
8
THS4031, THS4032
SLOS224H – JULY 1999 – REVISED JUNE 2016
www.ti.com
Product Folder Links: THS4031 THS4032
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Electrical Characteristics – RL = 150 Ω (continued)
At TA = 25°C, VCC = ±15 V, and RL = 150 Ω for the THS403xC, THS403xI (unless otherwise noted).
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SUPPLY
VCC
Supply voltage operating
range
Dual supply
±4.5
±16.5
V
Single supply
9
33
ICC
Supply current (each
amplifier)
VCC = ±15 V
TA = 25°C
8.5
10
mA
TA = full range
11
VCC = ±5 V
TA = 25°C
7.5
9
TA = full range
10.5
PSRR
Power-supply rejection ratio
VCC = ±5 V or ±15 V
TA = 25°C
85
95
dB
TA = full range
80
(1)
Full range = 0°C to 70°C for THS403xC and –40°C to 85°C for THS403xI suffix.
(2)
This parameter is not tested.
(3)
Full power bandwidth = slew rate / [
√2 πVOC(Peak)].
7.7 Electrical Characteristics – RL = 1 kΩ
At TA = full range, VCC = ±15 V, and RL = 1 kΩ for the THS403xC, THS403xI (unless otherwise noted).
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE
BW
Unity gain bandwidth
VCC = ±15 V, closed loop
RL = 1 kΩ
100(2)
120
MHz
Small-signal bandwidth
(–3 dB)
VCC = ±15 V
Gain = –1 or 2
100
MHz
VCC = ±5 V
90
Bandwidth for 0.1-dB flatness
VCC = ±15 V
Gain = –1 or 2
50
MHz
VCC = ±5 V
45
Full power bandwidth(3)
VO(pp) = 20 V,
VCC = ±15 V
RL = 1 kΩ
2.3
MHz
VO(pp) = 5 V,
VCC = ±5 V
7.1
SR
Slew rate
VCC = ±15 V
RL = 1 kΩ
80(2)
100
V/μs
tS
Settling time to 0.1%
VCC = ±15 V,
5-V step
Gain = –1
60
ns
VCC = ±5 V,
2.5-V step
45
Settling time to 0.01%
VCC = ±15 V,
5-V step
Gain = –1
90
ns
VCC = ±5 V,
2.5-V step
80
NOISE/DISTORTION PERFORMANCE
THD
Total harmonic distortion
VCC = ±5 V or ±15 V,
f = 1 MHz, Gain = 2,
VO(pp) = 2 V,
TA = 25°C
RL = 150 Ω
–81
dBc
RL = 1 kΩ
–96
Vn
Input voltage noise
VCC = ±5 V or ±15 V,
TA = 25°C
f > 10 kHz
RL = 150 Ω
1.6
nV/
√Hz
In
Input current noise
VCC = ±5 V or ±15 V,
TA = 25°C
f > 10 kHz
RL = 150 Ω
1.2
pA/
√Hz
Differential gain error
Gain = 2,
40 IRE modulation,
TA = 25°C
NTSC and PAL,
±100 IRE ramp,
RL = 150 Ω
VCC = ±15 V
0.015%
VCC = ±5 V
0.02%
Differential phase error
VCC = ±15 V
0.025
°
VCC = ±5 V
0.03


Similar Part No. - THS4031IDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031IDGNR TI-THS4031IDGNR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031IDGNRG4 TI-THS4031IDGNRG4 Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4031IDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com