Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4275D Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS4275D
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4275D Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4275D Datasheet HTML 6Page - Texas Instruments THS4275D Datasheet HTML 7Page - Texas Instruments THS4275D Datasheet HTML 8Page - Texas Instruments THS4275D Datasheet HTML 9Page - Texas Instruments THS4275D Datasheet HTML 10Page - Texas Instruments THS4275D Datasheet HTML 11Page - Texas Instruments THS4275D Datasheet HTML 12Page - Texas Instruments THS4275D Datasheet HTML 13Page - Texas Instruments THS4275D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
−4
−3
−2
−1
0
1
2
3
4
100 k
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
Gain = 1
RL = 150 Ω
VO = 100 mVPP
VS = ±5 V
−4
−2
0
2
4
6
8
10
12
14
16
18
20
22
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
Gain = 10
Gain = 5
Gain = 2
Gain = −1
RL = 499 Ω
Rf = 249 Ω
VO = 100 mVPP
VS = ±5 V
−1
−0.9
−0.8
−0.7
−0.6
−0.5
−0.4
−0.3
−0.2
−0.1
0
0.1
100 k
1 M
10 M
100 M
1 G
Gain = 1
RL = 150 Ω
VO = 100 mVPP
VS = ±5 V
f − Frequency − Hz
−100
−90
−80
−70
−60
−50
1
10
100
f − Frequency − MHz
HD2, RL = 499Ω
HD2, RL = 150Ω
HD3, RL = 150Ω
HD3, RL = 499Ω
Gain = 1
VO = 1 VPP
VS = ±5 V
0
2
4
6
8
10
12
14
16
18
20
22
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
RL = 499 Ω
Rf = 249 Ω
VO = 1 VPP
VS = ±5 V
Gain = 10
Gain = 5
Gain = 2
0
200
400
600
800
1000
1200
0
0.5
1
1.5
2
2.5
3
3.5
4 4.5
5
VO − Output Voltage − V
Gain = −1
RL = 499 Ω
Rf = 249 Ω
VS = ±5 V
Fall
Rise
−100
−90
−80
−70
−60
−50
1
10
100
HD2, RL = 499Ω
HD3, RL = 150Ω
HD3, RL = 499Ω
Gain = 1
VO = 2 VPP
VS = ±5 V
f − Frequency − MHz
HD2, RL = 150Ω
−100
−90
−80
−70
−60
−50
1
10
100
f − Frequency − MHz
Gain = 2
Rf = 249 Ω
VO = 2 VPP
VS = ±5 V
HD2, RL = 499Ω
HD2, RL = 150Ω
HD3, RL = 150Ω
HD3, RL = 499Ω
−100
−90
−80
−70
−60
−50
1
10
100
f − Frequency − MHz
Gain = 2
Rf = 249 Ω
VO = 1 VPP
VS = ±5 V
HD2, RL = 499Ω
HD2, RL = 150Ω
HD3, RL = 499Ω
HD3, RL = 150Ω
THS4271
THS4275
SLOS397F – JULY 2002 – REVISED OCTOBER 2009
www.ti.com
TYPICAL CHARACTERISTICS: ±5 V
SMALL-SIGNAL UNIT GAIN
SMALL-SIGNAL
0.1-dB GAIN FLATNESS
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 1.
Figure 2.
Figure 3.
SLEW RATE
HARMONIC DISTORTION
LARGE-SIGNAL
vs
vs
FREQUENCY RESPONSE
OUTPUT VOLTAGE
FREQUENCY
Figure 4.
Figure 5.
Figure 6.
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
10
Submit Documentation Feedback
Copyright © 2002–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4271 THS4275


Similar Part No. - THS4275D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4275D TI-THS4275D Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
THS4275DG4 TI-THS4275DG4 Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
THS4275DGK TI-THS4275DGK Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
THS4275DGKR TI-THS4275DGKR Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
THS4275DGKRG4 TI-THS4275DGKRG4 Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
More results

Similar Description - THS4275D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
THS4271 TI-THS4271 Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com