Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4513RGTTG4 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513RGTTG4
Description  WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4513RGTTG4 Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS4513RGTTG4 Datasheet HTML 28Page - Texas Instruments THS4513RGTTG4 Datasheet HTML 29Page - Texas Instruments THS4513RGTTG4 Datasheet HTML 30Page - Texas Instruments THS4513RGTTG4 Datasheet HTML 31Page - Texas Instruments THS4513RGTTG4 Datasheet HTML 32Page - Texas Instruments THS4513RGTTG4 Datasheet HTML 33Page - Texas Instruments THS4513RGTTG4 Datasheet HTML 34Page - Texas Instruments THS4513RGTTG4 Datasheet HTML 35Page - Texas Instruments THS4513RGTTG4 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
THS4513
SLOS472E – AUGUST 2005 – REVISED JANUARY 2013
www.ti.com
Table 4. THS4513 EVAL1 EVM Bill of Materials
SMD
REFERENCE
PCB
MANUFACTURER
ITEM
DESCRIPTION
SIZE
DESIGNATOR
QTY
PART NUMBER
1
CAP, 10.0
μF, Ceramic, X5R, 6.3 V
0805
C3, C4, C5, C6
4
(AVX) 08056D106KAT2A
2
CAP, 0.1
μF, Ceramic, X5R, 10 V
0402
C9, C10, C11, C12, C13, C14
6
(AVX) 0402ZD104KAT2A
3
CAP, 0.22
μF, Ceramic, X5R, 6.3 V
0402
C15
1
(AVX) 04026D224KAT2A
4
OPEN
0402
C1, C2, C7, C8
4
5
OPEN
0402
R9, R10
2
6
Resistor, 49.9
Ω, 1/16 W, 1%
0402
R12
1
(KOA) RK73H1ETTP49R9F
7
Resistor, 56.2
Ω, 1/16 W, 1%
0402
R1, R2
2
(KOA) RK73H1ETTP56R2F
8
Resistor, 69.8
Ω, 1/16 W, 1%
0402
R11
1
(KOA) RK73H1ETTP69R8F
9
Resistor, 86.6
Ω, 1/16 W, 1%
0402
R7, R8
2
(KOA) RK73H1ETTP86R6F
10
Resistor, 340
Ω, 1/16 W, 1%
0402
R3, R4
2
(KOA) RK73H1ETTP3400F
11
Resistor, 348
Ω, 1/16 W, 1%
0402
R5, R6
2
(KOA) RK73H1ETTP3480F
12
Transformer, RF
T1
1
(MINI-CIRCUITS) ADT1-1WT
13
Jack, banana receptance, 0.25" diameter
J4, J5, J6
3
(HH SMITH) 101
hole
14
OPEN
J1, J7, J8
3
15
Connector, edge, SMA PCB Jack
J2, J3
2
(JOHNSON) 142-0701-801
16
Test point, Red
TP1, TP2, TP3
3
(KEYSTONE) 5000
17
IC, THS4513
U1
1
(TI) THS4513RGT
18
Standoff, 4-40 HEX, 0.625" length
4
(KEYSTONE) 1808
19
SCREW, PHILLIPS, 4-40, 0.250"
4
SHR-0440-016-SN
20
Printed circuit board
1
(TI) EDGE# 6475514
32
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: THS4513


Similar Part No. - THS4513RGTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4513RGTT TI-THS4513RGTT Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4513RGTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com