Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4513RGTTG4 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513RGTTG4
Description  WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4513RGTTG4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS4513RGTTG4 Datasheet HTML 16Page - Texas Instruments THS4513RGTTG4 Datasheet HTML 17Page - Texas Instruments THS4513RGTTG4 Datasheet HTML 18Page - Texas Instruments THS4513RGTTG4 Datasheet HTML 19Page - Texas Instruments THS4513RGTTG4 Datasheet HTML 20Page - Texas Instruments THS4513RGTTG4 Datasheet HTML 21Page - Texas Instruments THS4513RGTTG4 Datasheet HTML 22Page - Texas Instruments THS4513RGTTG4 Datasheet HTML 23Page - Texas Instruments THS4513RGTTG4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
0
0.2
0.4
0.6
0.8
1
t-Time- s
m
R =150
G=0dB
L
W
Input
Output
0.1
1
10
100
0.1
1
10
100
1000
f-Frequency-MHz
0
0.5
1
1.5
2
2.5
0
500
1000
1500
2000
R -LoadResistance-
L
W
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
f-Frequency-MHz
R =200
L
W
CMRR
PSRR-
PSRR+
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
9
10
t-Time-ns
V
=1V
OD
PP
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
R =200
V
=1V
L
OD
PP
W
250ps/div
t-Time
THS4513
SLOS472E – AUGUST 2005 – REVISED JANUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS: VS+ – VS– = 3 V (continued)
Test conditions at VS+ = +1.5 V, VS– = –1.5V, CM = open, VOD = 1 VPP, RF = 348 Ω, RL = 200-Ω differential, G = 0 dB, single-
ended input, and input and output referenced to midsupply, unless otherwise noted.
TRANSIENT RESPONSE
SETTLING TIME
Figure 57.
Figure 58.
OUTPUT VOLTAGE SWING vs LOAD RESISTANCE
REJECTION RATIO vs FREQUENCY
Figure 59.
Figure 60.
OUTPUT IMPEDANCE
vs
OVERDRIVE RECOVERY
FREQUENCY
Figure 61.
Figure 62.
20
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: THS4513


Similar Part No. - THS4513RGTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4513RGTT TI-THS4513RGTT Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4513RGTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com