Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4021IDG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # THS4021IDG4
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4021IDG4 Datasheet(HTML) 2 Page - Texas Instruments

  THS4021IDG4 Datasheet HTML 1Page - Texas Instruments THS4021IDG4 Datasheet HTML 2Page - Texas Instruments THS4021IDG4 Datasheet HTML 3Page - Texas Instruments THS4021IDG4 Datasheet HTML 4Page - Texas Instruments THS4021IDG4 Datasheet HTML 5Page - Texas Instruments THS4021IDG4 Datasheet HTML 6Page - Texas Instruments THS4021IDG4 Datasheet HTML 7Page - Texas Instruments THS4021IDG4 Datasheet HTML 8Page - Texas Instruments THS4021IDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAMS
OUT
8
6
1
IN–
IN+
2
3
Null
S0273-01
1OUT
1IN–
1IN+
V
CC
2OUT
2IN–
2IN+
–V
CC
S0274-01
THS4021
THS4022
SLOS265C – SEPTEMBER 1999 – REVISED JULY 2007
CAUTION: The THS4021 and THS4022 provide ESD protection circuitry. However, permanent damage can still occur if this device
is subjected to high-energy electrostatic discharges. Proper ESD precautions are recommended to avoid any performance
degradation or loss of functionality.
AVAILABLE OPTIONS(1)
PACKAGED DEVICES
NUMBER OF
EVALUATION
PLASTIC
TA
MSOP SYMBOL
PLASTIC MSOP(2)
CHANNELS
MODULE
SMALL OUTLINE(2)
(DGN)
(D)
1
THS4021CD
THS4021CDGN
ACK
THS4021EVM
0
°C to 70°C
2
THS4022CD
THS4022CDGN
ACA
THS4022EVM
1
THS4021ID
THS4021CIDGN
ACL
–40
°C to 85°C
2
THS4022ID
THS4022CIDGN
ACB
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
The D and DGN packages are available taped and reeled. Add an R suffix to the device type (for example, THS4021CDGN).
Figure 2. THS4021—Single Channel
Figure 3. THS4022—Dual Channel
2
Submit Documentation Feedback
Copyright © 1999–2007, Texas Instruments Incorporated
Product Folder Link(s): THS4021 THS4022


Similar Part No. - THS4021IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4021IDGN TI-THS4021IDGN Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4021IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
logo
Analog Devices
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com