Electronic Components Datasheet Search |
|
THS4031CDG4 Datasheet(PDF) 7 Page - Texas Instruments |
|
THS4031CDG4 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 47 page 7 THS4031, THS4032 www.ti.com SLOS224H – JULY 1999 – REVISED JUNE 2016 Product Folder Links: THS4031 THS4032 Submit Documentation Feedback Copyright © 1999–2016, Texas Instruments Incorporated Electrical Characteristics – RL = 150 Ω (continued) At TA = 25°C, VCC = ±15 V, and RL = 150 Ω for the THS403xC, THS403xI (unless otherwise noted). PARAMETER TEST CONDITIONS(1) MIN TYP MAX UNIT (4) Observe power dissipation ratings to keep the junction temperature below the absolute maximum rating when the output is heavily loaded or shorted. See the Absolute Maximum Ratings in this data sheet for more information. NOISE/DISTORTION PERFORMANCE THD Total harmonic distortion THS4031 VCC = ±5 V or ±15 V, f = 1 MHz VO(pp) = 2 V, Gain = 2 RL = 150 Ω –81 dBc RL = 1 kΩ –96 THS4032 RL = 150 Ω –72 RL = 1 kΩ –90 Vn Input voltage noise VCC = ±5 V or ±15 V, f > 10 kHz 1.6 nV/ √Hz In Input current noise VCC = ±5 V or ±15 V, f > 10 kHz 1.2 pA/ √Hz Differential gain error Gain = 2, 40 IRE modulation, NTSC and PAL, ±100 IRE ramp VCC = ±15 V 0.015% VCC = ±5 V 0.02% Differential phase error VCC = ±15 V 0.025 ° VCC = ±5 V 0.03 Channel-to-channel crosstalk (THS4032 only) VCC = ±5 V or ±15 V, f = 1 MHz –61 dBc DC PERFORMANCE Open loop gain VCC = ±15 V, RL = 1 kΩ, VO = ±10 V TA = 25°C 93 98 dB TA = full range 92 VCC = ±5 V, RL = 1 kΩ, VO = ±2.5 V TA = 25°C 90 95 TA = full range 89 VOS Input offset voltage VCC = ±5 V or ±15 V TA = 25°C 0.5 2 mV TA = full range 3 IIB Input bias current VCC = ±5 V or ±15 V TA = 25°C 3 6 μA TA = full range 8 IOS Input offset current VCC = ±5 V or ±15 V TA = 25°C 30 250 nA TA = full range 400 Offset voltage drift VCC = ±5 V or ±15 V TA = full range 2 μV/°C Input offset current drift VCC = ±5 V or ±15 V TA = full range 0.2 nA/°C INPUT CHARACTERISTICS VICR Common-mode input voltage range VCC = ±15 V ±13.5 ±14 V VCC = ±5 V ±3.8 ±4 CMRR Common-mode rejection ratio VCC = ±15 V, VICR = ±12 V TA = 25°C 85 95 dB TA = full range 80 VCC = ±5 V, VICR = ±2.5 V TA = 25°C 90 100 TA = full range 85 ri Input resistance 2 M Ω Ci Input capacitance 1.5 pF OUTPUT CHARACTERISTICS VO Output voltage swing VCC = ±15 V RL = 1 kΩ ±13 ±13.6 V VCC = ±5 V ±3.4 ±3.8 VCC = ±15 V RL = 150 Ω ±12 ±12.9 VCC = ±5 V RL = 250 Ω ±3 ±3.5 IO Output current(4) VCC = ±15 V RL = 20 Ω 60 90 mA VCC = ±5 V 50 70 ISC Short-circuit current(4) VCC = ±15 V 150 mA RO Output resistance Open loop 13 Ω |
Similar Part No. - THS4031CDG4 |
|
Similar Description - THS4031CDG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |