Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4304 Datasheet(PDF) 3 Page - Texas Instruments

Part # THS4304
Description  Wideband Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4304 Datasheet(HTML) 3 Page - Texas Instruments

  THS4304_15 Datasheet HTML 1Page - Texas Instruments THS4304_15 Datasheet HTML 2Page - Texas Instruments THS4304_15 Datasheet HTML 3Page - Texas Instruments THS4304_15 Datasheet HTML 4Page - Texas Instruments THS4304_15 Datasheet HTML 5Page - Texas Instruments THS4304_15 Datasheet HTML 6Page - Texas Instruments THS4304_15 Datasheet HTML 7Page - Texas Instruments THS4304_15 Datasheet HTML 8Page - Texas Instruments THS4304_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
over operating free-air temperature range (unless otherwise noted)
UNIT
VS
Supply voltage
+6.0 V
VI
Input voltage
±V
S
IO
Output current
150 mA
VID
Differential input voltage
±2 V
Continuous power dissipation
See Dissipation Rating Table
Maximum junction temperature, any condition(2)
150
°C
TJ
Operating free-air temperature range, continuous operation, long-term reliability(2)
125
°C
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature: 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
HBM
1600 V
ESD Ratings
CDM
1000 V
MM
100 V
(1)
The absolute maximum ratings under any condition is limited by the constraints of the silicon process. Stresses above these ratings may
cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Dual supply
±1.35
±2.5
Supply voltage, (VS+ and VS–)
V
Single supply
2.7
5
Input common-mode voltage range
VS–– 0.2
VS+ + 0.2
V
3


Similar Part No. - THS4304_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4304 TI1-THS4304_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband Operational Amplifier
More results

Similar Description - THS4304_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4304 TI-THS4304 Datasheet
869Kb / 26P
[Old version datasheet]   Wideband Operational Amplifier
THS4304 TI1-THS4304_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA621 BURR-BROWN-OPA621 Datasheet
193Kb / 16P
   Wideband Precision OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
TDB2022 ETC1-TDB2022 Datasheet
349Kb / 8P
   WIDEBAND SINGLE OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA620 BURR-BROWN-OPA620 Datasheet
309Kb / 15P
   Wideband Precision OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
   Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
logo
M.S. Kennedy Corporatio...
MSK3554 MSK-MSK3554 Datasheet
270Kb / 5P
   HIGH SPEED, WIDEBAND OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
AD3554 MAXIM-AD3554 Datasheet
669Kb / 6P
   WIDEBAND FST-SETTLING OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com