Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4011 Datasheet(PDF) 4 Page - Texas Instruments

Part # THS4011
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4011 Datasheet(HTML) 4 Page - Texas Instruments

  THS4011_16 Datasheet HTML 1Page - Texas Instruments THS4011_16 Datasheet HTML 2Page - Texas Instruments THS4011_16 Datasheet HTML 3Page - Texas Instruments THS4011_16 Datasheet HTML 4Page - Texas Instruments THS4011_16 Datasheet HTML 5Page - Texas Instruments THS4011_16 Datasheet HTML 6Page - Texas Instruments THS4011_16 Datasheet HTML 7Page - Texas Instruments THS4011_16 Datasheet HTML 8Page - Texas Instruments THS4011_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
THS4011
THS4012
SLOS216E – JUNE 1999 – REVISED APRIL 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC
Supply voltage
±16.5
V
VI
Input voltage
±VCC
IO
Output current
175
mA
VID
Differential input voltage
±4
V
Continuous total power dissipation
See Dissipation Rating Table
TJ
Maximum junction temperature
150
°C
THS401xC
0 to 70
°C
TA
Operation free-air temperature range
THS401xI
–40 to 85
°C
THS4011M
–55 to 125
°C
Tstg
Storage temperature range
–65 to 150
°C
DISSIPATION RATINGS
qJA
qJC
TA = 25°C
PACKAGE
(°C/W)
(°C/W)
POWER RATING
D
167(1)
38.3
740 mW
DGN(2)
58.4
4.7
2.14 W
JG
119
28
1050 mW
FK
87.7
20
1375 mW
(1)
This data was taken using the JEDEC standard Low-K test PCB. For the JEDEC-proposed High-K test
PCB, the qJA is 95°C/W with a power rating at 1.32 W at TA = 25°C.
(2)
This data was taken using 2-oz trace and copper pad that is soldered directly to a 3-in × 3-in PC. For
further information, refer to the Application Information section of this data sheet.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Split supply
±4.5
±16
VCC
Supply voltage
V
Single supply
9
32
C suffix
0
70
TA
Operating free-air temperature
I suffix
–40
85
°C
M suffix
–55
125
4
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4011 THS4012


Similar Part No. - THS4011_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4011CD TI-THS4011CD Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011CD TI-THS4011CD Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011CD NSC-THS4011CD Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Texas Instruments
THS4011CDG4 TI-THS4011CDG4 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011CDG4 NSC-THS4011CDG4 Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4011_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011 TI-THS4011 Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011 NSC-THS4011 Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Analog Devices
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007 Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com