Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3202DGNRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS3202DGNRG4
Description  2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3202DGNRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS3202DGNRG4 Datasheet HTML 3Page - Texas Instruments THS3202DGNRG4 Datasheet HTML 4Page - Texas Instruments THS3202DGNRG4 Datasheet HTML 5Page - Texas Instruments THS3202DGNRG4 Datasheet HTML 6Page - Texas Instruments THS3202DGNRG4 Datasheet HTML 7Page - Texas Instruments THS3202DGNRG4 Datasheet HTML 8Page - Texas Instruments THS3202DGNRG4 Datasheet HTML 9Page - Texas Instruments THS3202DGNRG4 Datasheet HTML 10Page - Texas Instruments THS3202DGNRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
THS3202
www.ti.com
SLOS242F – SEPTEMBER 2002 – REVISED JANUARY 2010
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Small-signal frequency response
Figure 1-Figure 14
Large-signal frequency response
Figure 15-Figure 18
Harmonic distortion
vs Frequency
Figure 19-Figure 24
Harmonic distortion
vs Output voltage
Figure 25-Figure 32
IMD3
vs Frequency
Figure 33, Figure 34
OIP3
vs Frequency
Figure 35, Figure 36
Test circuit for IMD3/OIP3
Figure 37
S-parameter
vs Frequency
Figure 38-Figure 41
Input current noise density
vs Frequency
Figure 42
Voltage noise density
vs Frequency
Figure 43
Transimpedance
vs Frequency
Figure 44
Output impedance
vs Frequency
Figure 45
Impedance of inverting input
Figure 46
Supply current/channel
vs Supply voltage
Figure 47
Input offset voltage
vs Free-air temperature
Figure 48
Offset voltage
vs Common-mode input voltage range
Figure 49
vs Free-air temperature
Figure 50
Input bias current
vs Input common-mode range
Figure 51
Positive power-supply rejection ratio
vs Positive power supply
Figure 52
Negative power-supply rejection ratio
vs Negative power supply
Figure 53
Positive output voltage swing
vs Free-air temperature
Figure 54, Figure 55
Negative output voltage swing
vs Free-air temperature
Figure 56, Figure 57
Output current sinking
vs Power supply
Figure 58
Output current sourcing
vs Power supply
Figure 59
Overdrive recovery time
Figure 60, Figure 61
Slew rate
vs Output voltage
Figure 62-Figure 64
Output voltage transient response
Figure 65
Settling time
Figure 66, Figure 67
DC common-mode rejection ratio high
vs Input common-mode range
Figure 68
Power-supply rejection ratio
vs Frequency
Figure 69, Figure 70
Differential gain error
vs 150-
Ω loads
Figure 71, Figure 72, Figure 75
Differential phase error
vs 150-
Ω loads
Figure 73, Figure 74, Figure 76
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS3202


Similar Part No. - THS3202DGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3202DGN TI-THS3202DGN Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
More results

Similar Description - THS3202DGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com