Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3215 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS3215
Description  THS3215 650-MHz, Differential to Single-Ended DAC Output Amplifier
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3215 Datasheet(HTML) 2 Page - Texas Instruments

  THS3215 Datasheet HTML 1Page - Texas Instruments THS3215 Datasheet HTML 2Page - Texas Instruments THS3215 Datasheet HTML 3Page - Texas Instruments THS3215 Datasheet HTML 4Page - Texas Instruments THS3215 Datasheet HTML 5Page - Texas Instruments THS3215 Datasheet HTML 6Page - Texas Instruments THS3215 Datasheet HTML 7Page - Texas Instruments THS3215 Datasheet HTML 8Page - Texas Instruments THS3215 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
2
THS3215
SBOS780A – MARCH 2016 – REVISED APRIL 2016
www.ti.com
Product Folder Links: THS3215
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics: D2S.................................. 5
7.6
Electrical Characteristics: OPS ................................. 6
7.7
Electrical Characteristics: D2S + OPS...................... 9
7.8
Electrical Characteristics: Midscale (DC) Reference
Buffer........................................................................ 10
7.9
Typical Characteristics: D2S + OPS ....................... 11
7.10
Typical Characteristics: D2S Only ........................ 13
7.11
Typical Characteristics: OPS only......................... 15
7.12
Typical Characteristics: Midscale (DC) Reference
Buffer........................................................................ 19
7.13
Typical Characteristics: Switching Performance... 20
7.14
Typical Characteristics: Gain Drift ........................ 21
8
Parameter Measurement Information ................ 22
8.1
Overview ................................................................. 22
8.2
Frequency Response Measurement ....................... 23
8.3
Harmonic Distortion Measurement ......................... 24
8.4
Noise Measurement ................................................ 25
8.5
Output Impedance Measurement ........................... 25
8.6
Step-Response Measurement ................................ 25
8.7
Feedthrough Measurement..................................... 26
8.8
Midscale Buffer ROUT Versus CLOAD Measurement 28
9
Detailed Description ............................................ 29
9.1
Overview ................................................................. 29
9.2
Functional Block Diagram ....................................... 30
9.3
Feature Description................................................. 30
9.4
Device Functional Modes........................................ 46
10
Application and Implementation........................ 52
10.1
Application Information.......................................... 52
11
Power Supply Recommendations ..................... 61
11.1
Thermal Considerations ........................................ 62
12
Layout................................................................... 63
12.1
Layout Guidelines ................................................. 63
12.2
Layout Example .................................................... 64
13
Device and Documentation Support ................. 65
13.1
Device Support...................................................... 65
13.2
Documentation Support ........................................ 65
13.3
Community Resources.......................................... 65
13.4
Trademarks ........................................................... 66
13.5
Electrostatic Discharge Caution ............................ 66
13.6
Glossary ................................................................ 66
14
Mechanical, Packaging, and Orderable
Information ........................................................... 66
4 Revision History
Changes from Original (March 2016) to Revision A
Page
Changed data sheet status from product preview to production data.................................................................................... 1


Similar Part No. - THS3215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3217 TI1-THS3217 Datasheet
2Mb / 73P
[Old version datasheet]   THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
THS3217IRGVR TI1-THS3217IRGVR Datasheet
2Mb / 73P
[Old version datasheet]   THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
THS3217IRGVT TI1-THS3217IRGVT Datasheet
2Mb / 73P
[Old version datasheet]   THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
More results

Similar Description - THS3215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3217 TI1-THS3217 Datasheet
2Mb / 73P
[Old version datasheet]   THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
logo
TriQuint Semiconductor
TGA2951-EPU TRIQUINT-TGA2951-EPU Datasheet
352Kb / 10P
   10 Gb/s Single Ended to Differential Amplifier TGA2951-EPU
logo
Texas Instruments
PCM5242 TI1-PCM5242 Datasheet
2Mb / 128P
[Old version datasheet]   Audio Stereo Differential-Output DAC
logo
Teledyne Technologies I...
AC1286 TELEDYNE-AC1286 Datasheet
161Kb / 2P
   650 TO 1200 MHz TO-8 CASCADABLE AMPLIFIER
logo
Mini-Circuits
ZRL-1200 MINI-ZRL-1200 Datasheet
184Kb / 1P
   Low Noise Amplifier 50??650 to 1200 MHz
logo
STMicroelectronics
AN4586 STMICROELECTRONICS-AN4586 Datasheet
630Kb / 19P
   Signal conditioning, differential to single-ended amplification
logo
Sony Corporation
CXA1077M SONY-CXA1077M Datasheet
126Kb / 7P
   WIDEBAND DIFFERENTIAL AMPLIFIER (DC TO 180 MHZ)
logo
Texas Instruments
LMH9126 TI1-LMH9126 Datasheet
450Kb / 18P
[Old version datasheet]   LMH9126 2.2??.9-GHz Differential to Single-Ended Amplifier With Integrated Balun
LMH9135 TI-LMH9135 Datasheet
1Mb / 22P
[Old version datasheet]   LMH9135 3.2 ??4.2 GHz Differential to Single-Ended Amplifier with Integrated Balun
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com