Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4271 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4271 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 5Page - Texas Instruments THS4271 Datasheet HTML 6Page - Texas Instruments THS4271 Datasheet HTML 7Page - Texas Instruments THS4271 Datasheet HTML 8Page - Texas Instruments THS4271 Datasheet HTML 9Page - Texas Instruments THS4271 Datasheet HTML 10Page - Texas Instruments THS4271 Datasheet HTML 11Page - Texas Instruments THS4271 Datasheet HTML 12Page - Texas Instruments THS4271 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
10
11
12
13
14
15
16
17
G = 5
RL = 500 Ω
VCC = 15 V
VO = 100 mVPP
f − Frequency − Hz
0.1 M
10 M
10 G
100 M
1 G
1 M
Rf = 340 Ω
Rf = 420 Ω
Rf = 500 Ω
17
16
15
14
13
12
11
10
8
9
10
11
12
13
14
15
16
G = 5
RL = 500 Ω
VCC = ±5 V
VO = 100 mVPP
f − Frequency − Hz
0.1 M
10 M
10 G
100 M
1 G
1 M
Rf = 340 Ω
Rf = 420 Ω
Rf = 500 Ω
−6
−5
−4
−3
−2
−1
0
1
2
3
G = −1
RL = 100 Ω
VCC = 15 V
VO = 100 mVPP
f − Frequency − Hz
0.1 M
10 M
10 G
100 M
1 G
1 M
Rf = 340 Ω
Rf = 450 Ω
Rf = 550 Ω
−12
−10
−8
−6
−4
−2
0
2
4
6
8
10
12
100 K
1 M
10 M
100 M
1 G
10 G
G = 1,
VCC = ±5 V
RL = 100 Ω
VO = 2 VPP
VO = 1 VPP
VO = 0.5 VPP
f − Frequency − Hz
−6
−5
−4
−3
−2
−1
0
1
2
3
G = −1
RL = 100 Ω
VCC = ±5 V
VO = 100 mVPP
f − Frequency − Hz
0.1 M
10 M
10 G
100 M
1 G
1 M
Rf = 340 Ω
Rf = 450 Ω
Rf = 550 Ω
−5
−4
−3
−2
−1
0
1
2
3
G = 1
RL = 500 Ω
Rf = 450 Ω
VO = 100 mVPP
f − Frequency − Hz
0.1 M
10 M
10 G
100 M
1 G
1 M
VCC = 15 V
VCC = ±5 V
−12
−10
−8
−6
−4
−2
0
2
4
6
8
10
12
100 K
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
VCC = 15 V, G = 1, RL = 100 Ω
VO = 2 VPP
VO = 1 VPP
VO = 0.5 VPP
−12
−10
−8
−6
−4
−2
0
2
4
6
8
10
12
14
100 K
1 M
10 M
100 M
1 G
10 G
VCC = 15 V, G = 2, RL = 100 Ω
VO = 1 VPP
VO = 0.5 VPP
VO = 2 VPP
VO = 4 VPP
f − Frequency − Hz
−14
−12
−10
−8
−6
−4
−2
0
2
4
6
8
10
12
14
100 K
1 M
10 M
100 M
1 G
10 G
VO = 4 VPP
VO = 2 VPP
VO = 1 VPP
VO = 0.25 VPP
G = 2, VCC = ±5, RL = 100 Ω
f − Frequency − Hz
THS3202
www.ti.com
SLOS242F – SEPTEMBER 2002 – REVISED JANUARY 2010
TYPICAL CHARACTERISTICS (continued)
SMALL-SIGNAL FREQUENCY
SMALL-SIGNAL FREQUENCY
SMALL-SIGNAL FREQUENCY
RESPONSE
RESPONSE
RESPONSE
Figure 10.
Figure 11.
Figure 12.
SMALL-SIGNAL FREQUENCY
SMALL-SIGNAL FREQUENCY
LARGE-SIGNAL FREQUENCY
RESPONSE
RESPONSE
RESPONSE
Figure 13.
Figure 14.
Figure 15.
LARGE-SIGNAL FREQUENCY
LARGE-SIGNAL FREQUENCY
LARGE-SIGNAL FREQUENCY
RESPONSE
RESPONSE
RESPONSE
Figure 16.
Figure 17.
Figure 18.
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS3202


Similar Part No. - THS4271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4271 TI-THS4271 Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
THS4271 TI-THS4271 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
THS4271 TI-THS4271 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
THS4271D TI-THS4271D Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
More results

Similar Description - THS4271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com