Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3120IDGN Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS3120IDGN
Description  LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3120IDGN Datasheet(HTML) 2 Page - Texas Instruments

  THS3120IDGN Datasheet HTML 1Page - Texas Instruments THS3120IDGN Datasheet HTML 2Page - Texas Instruments THS3120IDGN Datasheet HTML 3Page - Texas Instruments THS3120IDGN Datasheet HTML 4Page - Texas Instruments THS3120IDGN Datasheet HTML 5Page - Texas Instruments THS3120IDGN Datasheet HTML 6Page - Texas Instruments THS3120IDGN Datasheet HTML 7Page - Texas Instruments THS3120IDGN Datasheet HTML 8Page - Texas Instruments THS3120IDGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
1
2
3
4
8
7
6
5
NC
VIN-
VIN+
VS-
NC
VS+
VOUT
NC
D,DGN
TOP VIEW
D,DGN
TOP VIEW
NC =NoInternalConnection
1
2
3
4
8
7
6
5
REF
VIN-
VIN+
VS-
PD
VS+
VOUT
NC
NC=NoInternalConnection
THS3120
THS3121
THS3120
THS3121
SLOS420E – SEPTEMBER 2003 – REVISED OCTOBER 2009........................................................................................................................................ www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
NOTE: The device with the power down option defaults to the ON state if no signal is applied to the PD pin. Additionally, the
REF pin functional range is from VS– to (VS+ – 4 V).
AVAILABLE OPTIONS(1)
PACKAGED DEVICE
TA
PLASTIC SMALL OUTLINE SOIC (D)
PLASTIC MSOP (DGN) (2) (3)
SYMBOL
THS3120CD
THS3120CDGN
0°C to +70°C
AQA
THS3120CDR
THS3120CDGNR
THS3120ID
THS3120IDGN
–40°C to +85°C
APN
THS3120IDR
THS3120IDGNR
THS3121CD
THS3121CDGN
0°C to +70°C
AQO
THS3121CDR
THS3121CDGNR
THS3121ID
THS3121IDGN
–40°C to +85°C
APO
THS3121IDR
THS3121IDGNR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Available in tape and reel. The R suffix standard quantity is 2500 (for example, THS3120CDGNR).
(3)
The PowerPAD is electrically isolated from all other pins.
DISSIPATION RATING TABLE
POWER RATING
TJ = +125°C
PACKAGE
θJC (°C/W)
θJA (°C/W)
TA = +25°C
TA = +85°C
D-8(1)
38.3
95
1.05 W
421 mW
DGN-8(2)
4.7
58.4
1.71 W
685 W
(1)
These data were taken using the JEDEC standard low-K test PCB. For the JEDEC proposed high-K test PCB, the
θJA is +95°C/W with
power rating at TA = +25°C of 1.05 W.
(2)
These data were taken using 2 oz. (56,7 grams) trace and copper pad that is soldered directly to a 3 inch x 3 inch (76,2 mm x 76,2 mm)
PCB. For further information, see the Application Information section of this data sheet.
2
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3120 THS3121


Similar Part No. - THS3120IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3120IDGN TI-THS3120IDGN Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120IDGN TI1-THS3120IDGN Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120IDGNG4 TI1-THS3120IDGNG4 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120IDGNR TI-THS3120IDGNR Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3120IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com