Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS1041CPWRG4 Datasheet(PDF) 32 Page - Texas Instruments

Part # THS1041CPWRG4
Description  10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1041CPWRG4 Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS1041CPWRG4 Datasheet HTML 28Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 29Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 30Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 31Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 32Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 33Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 34Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 35Page - Texas Instruments THS1041CPWRG4 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
THS1041
SLAS289C − OCTOBER 2001 − REVISED OCTOBER 2004
32
www.ti.com
APPLICATION INFORMATION
steady-state clamp voltage error (continued)
V
COS
VDROOP = ∆VAIN
tc
td
V(Clamp)
VAIN
VM
Figure 47. Approximate Waveforms at AIN During Droop and Clamping
The voltage change at AIN during acquisition has been approximated as a linear charging ramp by assuming
that almost all of VCOS appears across RIN, giving a charging current VCOS/RIN (this is a reasonable
approximation when VCOS is large enough to be of concern). The voltage change at AIN during clamp
acquisition is then:
DV
AIN +
V
COS
t
d
R
IN
C
IN
The peak-to-peak voltage variation at AIN must equal the clamp droop voltage at steady state. Equating the
droop voltage to the clamp acquisition voltage change gives:
V
COS +
R
IN
I
IN
t
d
tc
Thus for low offset voltage, keep RIN low, design for low droop and ensure that the ratio td/tc is not unreasonably
large.
reference decoupling
VREF pin
When the on-chip reference generator is enabled, the VREF pin should be decoupled to the circuit board’s
analog ground plane close to the THS1041 AGND pin via a 1-
µF capacitor and a 0.1-µF ceramic capacitor.
REFT and REFB pins
In any mode of operation, the REFT and REFB pins should be decoupled as shown in Figure 48. Use short
board traces between the THS1041 and the capacitors to minimize parasitic inductance.
THS1041
REFT
REFB
0.1
µF
10
µF
0.1
µF
0.1
µF
Figure 48. Recommended Decoupling for the ADC Reference Pins REFT and REFB
(19)
(20)


Similar Part No. - THS1041CPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1041CPW TI-THS1041CPW Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
More results

Similar Description - THS1041CPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
ADS5204-Q1 TI1-ADS5204-Q1 Datasheet
964Kb / 25P
[Old version datasheet]   DUAL 10-BIT 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH PGA
logo
Analog Devices
AD6644 AD-AD6644_15 Datasheet
836Kb / 24P
   14-Bit, 40 MSPS/65 MSPS Analog-to-Digital Converter
REV. D
logo
Texas Instruments
THS1040 TI-THS1040 Datasheet
545Kb / 32P
[Old version datasheet]   3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS1610 TI1-ADS1610_14 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
STMicroelectronics
STV0190 STMICROELECTRONICS-STV0190 Datasheet
68Kb / 7P
   DUAL 40 MSPS 6-BIT ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com