Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS1040CPW Datasheet(PDF) 2 Page - Texas Instruments

Part # THS1040CPW
Description  CMOS ANALOG-TO-DIGITAL CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1040CPW Datasheet(HTML) 2 Page - Texas Instruments

  THS1040CPW Datasheet HTML 1Page - Texas Instruments THS1040CPW Datasheet HTML 2Page - Texas Instruments THS1040CPW Datasheet HTML 3Page - Texas Instruments THS1040CPW Datasheet HTML 4Page - Texas Instruments THS1040CPW Datasheet HTML 5Page - Texas Instruments THS1040CPW Datasheet HTML 6Page - Texas Instruments THS1040CPW Datasheet HTML 7Page - Texas Instruments THS1040CPW Datasheet HTML 8Page - Texas Instruments THS1040CPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
THS1040
SLAS290C − OCTOBER 2001 − REVISED OCTOBER 2004
2
www.ti.com
AVAILABLE OPTIONS
PRODUCT
PACKAGE
LEAD
PACKAGE
DESGIGNATOR†
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKINGS
ORDERING
NUMBER
TRANSPORT MEDIA,
QUANTITY
THS1040C
0
°C to 70°C
TH1040
THS1040CPW
Tube, 50
THS1040C
TSSOP−28
PW
0
°C to 70°C
TH1040
THS1040CPWR
Tube and Reel, 2000
THS1040I
TSSOP−28
PW
−40
°C to 85°C
TJ1040
THS1040IPW
Tube, 50
THS1040I
−40
°C to 85°C
TJ1040
THS1040IPWR
Tube and Reel, 2000
THS1040C
0
°C to 70°C
TH1040
THS1040CDW
Tube, 20
THS1040C
SOP−28
DW
0
°C to 70°C
TH1040
THS1040CDWR
Tube and Reel, 1000
THS1040I
SOP−28
DW
−40
°C to 85°C
TJ1040
THS1040IDW
Tube, 20
THS1040I
−40
°C to 85°C
TJ1040
THS1040IDWR
Tube and Reel, 1000
† For the most current specification and package information, refer to the TI web site at www.ti.com.
functional block diagram
SHA
10-Bit
ADC
ADC
Reference
Resistor
Digital
Control
3-State
Output
Buffers
Mode
Detection
BIASREF
AIN+
AIN−
MODE
REFSENSE
VREF
REFB
REFT
STBY
D (0−9)
OVR
OE
Timing
Circuit
CLK
AVDD
AGND
A2
VREF
DVDD
DGND
0.5 V
+
A1
NOTE: A1 − Internal bandgap reference
A2 − Internal ADC reference generator
Not Recommended For New Designs


Similar Part No. - THS1040CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1040CPW TI-THS1040CPW Datasheet
545Kb / 32P
[Old version datasheet]   3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
THS1040CPWR TI-THS1040CPWR Datasheet
545Kb / 32P
[Old version datasheet]   3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
More results

Similar Description - THS1040CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP8780 EXAR-MP8780 Datasheet
1,008Kb / 11P
   CMOS 8 BIT VIDEO ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS774 BURR-BROWN-ADS774 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com