Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430C11X1 Datasheet(PDF) 26 Page - Texas Instruments

Part # MSP430C11X1
Description  MIXED SIGNAL MICROCONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430C11X1 Datasheet(HTML) 26 Page - Texas Instruments

Back Button MSP430C11X1 Datasheet HTML 22Page - Texas Instruments MSP430C11X1 Datasheet HTML 23Page - Texas Instruments MSP430C11X1 Datasheet HTML 24Page - Texas Instruments MSP430C11X1 Datasheet HTML 25Page - Texas Instruments MSP430C11X1 Datasheet HTML 26Page - Texas Instruments MSP430C11X1 Datasheet HTML 27Page - Texas Instruments MSP430C11X1 Datasheet HTML 28Page - Texas Instruments MSP430C11X1 Datasheet HTML 29Page - Texas Instruments MSP430C11X1 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
MSP430C11x1, MSP430F11x1A
MIXED SIGNAL MICROCONTROLLER
SLAS241H − SEPTEMBER 1999 − REVISED SEPTEMBER 2004
26
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Port P1, P1.4 to P1.7, input/output with Schmitt-trigger and in-system access features
EN
D
See Note 1
See Note 2
See Note 2
See Note 1
GND
VCC
P1.4−P1.7
0
1
0
1
Interrupt
Edge
Select
EN
Set
Q
P1IE.x
P1IFG.x
P1IRQ.x
Interrupt
Flag
P1IES.x
P1SEL.x
Module X IN
P1IN.x
P1OUT.x
Module X OUT
Direction Control
From Module
P1DIR.x
P1SEL.x
Pad Logic
Bus Keeper
TST
Fuse
60 k
Fuse
Blow
Control
Control By JTAG
0
1
TDO
Controlled By JTAG
P1.x
TDI
P1.x
TST
TST
TMS
TST
TCK
TST
Controlled by JTAG
TST
P1.x
P1.x
NOTE: The test pin should be protected from potential EMI
and ESD voltage spikes. This may require a smaller
external pulldown resistor in some applications.
x = Bit identifier, 4 to 7 for port P1
During programming activity and during blowing
of the fuse, the pin TDO/TDI is used to apply the test
input for JTAG circuitry.
P1.7/TDI/TDO
P1.6/TDI/TCLK
P1.5/TMS
P1.4/TCK
Typical
TEST
GND
PnSel.x
PnDIR.x
Direction
control from
module
PnOUT.x
Module X OUT
PnIN.x
Module X IN
PnIE.x
PnIFG.x
PnIES.x
P1Sel.4
P1DIR.4
P1DIR.4
P1OUT.4
SMCLK
P1IN.4
unused
P1IE.4
P1IFG.4
P1IES.4
P1Sel.5
P1DIR.5
P1DIR.5
P1OUT.5
Out0 signal†
P1IN.5
unused
P1IE.5
P1IFG.5
P1IES.5
P1Sel.6
P1DIR.6
P1DIR.6
P1OUT.6
Out1 signal†
P1IN.6
unused
P1IE.6
P1IFG.6
P1IES.6
P1Sel.7
P1DIR.7
P1DIR.7
P1OUT.7
Out2 signal†
P1IN.7
unused
P1IE.7
P1IFG.7
P1IES.7
† Signal from or to Timer_A
NOTES:
1. Optional selection of pullup or pulldown resistors with ROM (masked) versions
2. Fuses for optional pullup and pulldown resistors can only be programmed at the factory (ROM versions only).


Similar Part No. - MSP430C11X1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430C11X1 TI-MSP430C11X1 Datasheet
947Kb / 40P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430C11X1 TI-MSP430C11X1 Datasheet
876Kb / 43P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430C11X1 TI1-MSP430C11X1 Datasheet
1Mb / 46P
[Old version datasheet]   Mixed Signal Microcontroller
MSP430C11X1A TI-MSP430C11X1A Datasheet
947Kb / 40P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430C11X1A TI1-MSP430C11X1A Datasheet
1Mb / 46P
[Old version datasheet]   Mixed Signal Microcontroller
More results

Similar Description - MSP430C11X1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com