Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430C11X1 Datasheet(PDF) 23 Page - Texas Instruments

Part # MSP430C11X1
Description  MIXED SIGNAL MICROCONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430C11X1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button MSP430C11X1 Datasheet HTML 19Page - Texas Instruments MSP430C11X1 Datasheet HTML 20Page - Texas Instruments MSP430C11X1 Datasheet HTML 21Page - Texas Instruments MSP430C11X1 Datasheet HTML 22Page - Texas Instruments MSP430C11X1 Datasheet HTML 23Page - Texas Instruments MSP430C11X1 Datasheet HTML 24Page - Texas Instruments MSP430C11X1 Datasheet HTML 25Page - Texas Instruments MSP430C11X1 Datasheet HTML 26Page - Texas Instruments MSP430C11X1 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
MSP430C11x1, MSP430F11x1A
MIXED SIGNAL MICROCONTROLLER
SLAS241H − SEPTEMBER 1999 − REVISED SEPTEMBER 2004
23
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
main DCO characteristics
D Individual devices have a minimum and maximum operation frequency. The specified parameters for
f(DCOx0) to f(DCOx7) are valid for all devices.
D All ranges selected by Rsel(n) overlap with Rsel(n+1): Rsel0 overlaps Rsel1, ... Rsel6 overlaps Rsel7.
D DCO control bits DCO0, DCO1, and DCO2 have a step size as defined by parameter S
DCO.
D Modulation control bits MOD0 to MOD4 select how often f(
DCO+1) is used within the period of 32 DCOCLK
cycles. The frequency f(DCO) is used for the remaining cycles. The frequency is an average equal to:
faverage +
32
f(DCO)
f(DCO)1)
MOD
f(DCO))(32*MOD)
f(DCO)1)
DCO when using ROSC (see Note 1)
PARAMETER
TEST CONDITIONS
VCC
MIN
NOM
MAX
UNIT
fDCO, DCO output frequency
Rsel = 4, DCO = 3, MOD = 0, DCOR = 1,
2.2 V
1.8
±15%
MHz
fDCO, DCO output frequency
Rsel = 4, DCO = 3, MOD = 0, DCOR = 1,
TA = 25°C
3 V
1.95
±15%
MHz
Dt, Temperature drift
Rsel = 4, DCO = 3, MOD = 0, DCOR = 1
2.2 V/3 V
±0.1
%/
°C
Dv, Drift with VCC variation
Rsel = 4, DCO = 3, MOD = 0, DCOR = 1
2.2 V/3 V
10
%/V
NOTES:
1. ROSC = 100kΩ. Metal film resistor, type 0257. 0.6 watt with 1% tolerance and TK = ±50ppm/°C.
crystal oscillator, LFXT1
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CXIN
Input capacitance
XTS=0; LF mode selected.
VCC = 2.2 V / 3 V
12
pF
CXIN
Input capacitance
XTS=1; XT1 mode selected.
VCC = 2.2 V / 3 V (see Note 1)
2
pF
CXOUT
Output capacitance
XTS=0; LF mode selected.
VCC = 2.2 V / 3 V
12
pF
CXOUT
Output capacitance
XTS=1; XT1 mode selected.
VCC = 2.2 V / 3 V (see Note 1)
2
pF
VIL
Input levels at XIN
VCC = 2.2 V/3 V (see Note 2)
VSS
0.2
×VCC
V
VIH
Input levels at XIN
VCC = 2.2 V/3 V (see Note 2)
0.8
×VCC
VCC
V
NOTES:
1. Requires external capacitors at both terminals. Values are specified by crystal manufacturers.
2. Applies only when using an external logic-level clock source. Not applicable when using a crystal or resonator.


Similar Part No. - MSP430C11X1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430C11X1 TI-MSP430C11X1 Datasheet
947Kb / 40P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430C11X1 TI-MSP430C11X1 Datasheet
876Kb / 43P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430C11X1 TI1-MSP430C11X1 Datasheet
1Mb / 46P
[Old version datasheet]   Mixed Signal Microcontroller
MSP430C11X1A TI-MSP430C11X1A Datasheet
947Kb / 40P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430C11X1A TI1-MSP430C11X1A Datasheet
1Mb / 46P
[Old version datasheet]   Mixed Signal Microcontroller
More results

Similar Description - MSP430C11X1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com