Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDC1000PWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TDC1000PWR
Description  TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDC1000PWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TDC1000PWR Datasheet HTML 6Page - Texas Instruments TDC1000PWR Datasheet HTML 7Page - Texas Instruments TDC1000PWR Datasheet HTML 8Page - Texas Instruments TDC1000PWR Datasheet HTML 9Page - Texas Instruments TDC1000PWR Datasheet HTML 10Page - Texas Instruments TDC1000PWR Datasheet HTML 11Page - Texas Instruments TDC1000PWR Datasheet HTML 12Page - Texas Instruments TDC1000PWR Datasheet HTML 13Page - Texas Instruments TDC1000PWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
0
2
4
6
8
10
12
14
16
18
20
Time (ps)
C011
0
2
4
6
8
10
12
14
16
18
20
Time (ps)
C012
0
2
4
6
8
10
12
14
16
18
20
Time (ps)
C009
0
2
4
6
8
10
12
14
16
18
20
Time (ps)
C010
10k
100k
1M
10M
±30
±20
±10
0
10
20
30
Frequency (Hz)
C007
10k
100k
1M
10M
±30
±20
±10
0
10
20
30
Frequency (Hz)
C008
TDC1000, TDC1000-Q1
SNAS648B – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, unless otherwise noted.
VDD = VIO = 3.7V
Capacitive
RL = 100kΩ
VDD = VIO = 3.7V
Gain of 21dB
RL = 100kΩ
Feedback Mode
CIN = 300 pF
Figure 8. LNA Gain vs Frequency
Figure 9. PGA Gain vs Frequency
VDD = VIO = 5V
LNA Capacitive
PGA Gain of 6dB
VDD = VIO = 3.7V
LNA Capacitive
PGA Gain of 6dB
Feedback Mode
Feedback Mode
VIN = 100mV
fIN = 1MHz
VIN = 100mV
fIN = 1MHz
(See Figure 14)
Count >= 10000
TA = 25C°
(See Figure 14)
Count >= 10000
Figure 10. RX Jitter Histogram
Figure 11. RX Jitter Histogram
VDD = VIO = 3.7V
LNA Capacitive
PGA Gain of 6dB
VDD = VIO = 3.7V
LNA Capacitive
PGA Gain of 6dB
Feedback Mode
Feedback Mode
VIN = 100mV
fIN = 1MHz
VIN = 100mV
fIN = 1MHz
TA = -40C°
(See Figure 14)
Count >= 10000
TA = 125C°
(See Figure 14)
Count >= 10000
Figure 12. RX Jitter Histrogam
Figure 13. RX Jitter Histogram
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TDC1000 TDC1000-Q1


Similar Part No. - TDC1000PWR

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
TDC10 EATON-TDC10 Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
TDC10-1-R EATON-TDC10-1-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
TDC10-1.5-R EATON-TDC10-1.5-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
logo
Cooper Bussmann, Inc.
TDC10-1.5A COOPER-TDC10-1.5A Datasheet
69Kb / 2P
   TDC Series, Glass Tube
logo
Eaton All Rights Reserv...
TDC10-10-R EATON-TDC10-10-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
More results

Similar Description - TDC1000PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
   Proximity Sensing
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
   Level sensing
logo
Greystone Energy System...
FPPSPP GREYSTONE-FPPSPP Datasheet
142Kb / 1P
   FLOW SENSING PROBES
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
logo
STMicroelectronics
VL6180 STMICROELECTRONICS-VL6180 Datasheet
2Mb / 73P
   Proximity sensing module
July 2021 Rev 14
logo
SparkFun Electronics
KIT-18448 SPARKFUN-KIT-18448 Datasheet
142Kb / 2P
   SparkFun Proximity Sensing Kit
9??0??1
logo
Texas Instruments
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
Coto Technology
FR2 COTO-FR2 Datasheet
665Kb / 4P
   Proximity sensing, Smoke alarms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com