Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDC1000PW Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TDC1000PW
Description  TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDC1000PW Datasheet(HTML) 19 Page - Texas Instruments

Back Button TDC1000PW Datasheet HTML 15Page - Texas Instruments TDC1000PW Datasheet HTML 16Page - Texas Instruments TDC1000PW Datasheet HTML 17Page - Texas Instruments TDC1000PW Datasheet HTML 18Page - Texas Instruments TDC1000PW Datasheet HTML 19Page - Texas Instruments TDC1000PW Datasheet HTML 20Page - Texas Instruments TDC1000PW Datasheet HTML 21Page - Texas Instruments TDC1000PW Datasheet HTML 22Page - Texas Instruments TDC1000PW Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
RTDx
REF
REF
RTDx
t
t
R
R
K

START
STOP
tREF
tRTD1
tRTD2
TRIGGER
td1
td2
Reference
RTD2
RTD1
CLKIN
O 8
O 2
TX_FREQ_DIV+1
¦CLKIN
0x00[7:5]
± TX_FREQ_DIV
¦TEMP
TTEMP =
¦TEMP
1
0
1
0x03[4]
± TEMP_CLK_DIV
TDC1000, TDC1000-Q1
www.ti.com
SNAS648B – OCTOBER 2014 – REVISED AUGUST 2015
Figure 24. Timing Source for the Temperature Measurement
8.3.8.1 Temperature Measurement with Multiple RTDs
The temperature measurement mode is selected by setting the MEAS_MODE bit in the CONFIG_2 register to 1.
A temperature measurement is started by sending a trigger pulse. After the temperature measurement is
complete, the TDC1000 returns to SLEEP mode. To return to TOF measurement mode, reset the MEAS_MODE
bit to 0.
The temperature sensor measurement can be performed without the need of an external ADC. The temperature
sensor block operates by converting the resistance of a reference, RREF, and up to two RTDs into a series of
START and STOP pulses. The interval between the pulses is proportional to the measured resistance, and
therefore, the temperature. As shown in Figure 25, the TDC1000 performs three measurements per trigger event
and generates the corresponding pulses on the START and STOP pins.
Figure 25. Temperature Measurement Output Timing
The resistance of RTD1 and RTD2 can be calculated from the time intervals in Figure 25 as follows:
(3)
With a 1-k
Ω reference resistor, the tREF interval is approximately 200 μs. The following intervals, tRTD1 and tRTD2,
will depend on the resistance of the RTDs. The time delay between measurements, td1 and td2, can be
approximated as follows:
td1 = (51 × TTEMP) + ( tRTD1 × 0.55 )
(4)
td2 = (51 × TTEMP) + ( tRTD2 × 0.55 )
(5)
For example, two PT1000 sensors at 0°C will have an approximate resistance of 1 k
Ω; the same as the
reference resistor in this example. Given an external 8-MHz clock and the default temperature clock divide-by-8
from the TEMP_CLK_DIV bit, the overall measurement time between the START pulse and the last STOP pulse
is approximately 922 µs.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TDC1000 TDC1000-Q1


Similar Part No. - TDC1000PW

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
TDC10 EATON-TDC10 Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
TDC10-1-R EATON-TDC10-1-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
TDC10-1.5-R EATON-TDC10-1.5-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
logo
Cooper Bussmann, Inc.
TDC10-1.5A COOPER-TDC10-1.5A Datasheet
69Kb / 2P
   TDC Series, Glass Tube
logo
Eaton All Rights Reserv...
TDC10-10-R EATON-TDC10-10-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
More results

Similar Description - TDC1000PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
   Proximity Sensing
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
   Level sensing
logo
Greystone Energy System...
FPPSPP GREYSTONE-FPPSPP Datasheet
142Kb / 1P
   FLOW SENSING PROBES
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
logo
STMicroelectronics
VL6180 STMICROELECTRONICS-VL6180 Datasheet
2Mb / 73P
   Proximity sensing module
July 2021 Rev 14
logo
SparkFun Electronics
KIT-18448 SPARKFUN-KIT-18448 Datasheet
142Kb / 2P
   SparkFun Proximity Sensing Kit
9??0??1
logo
Texas Instruments
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
Coto Technology
FR2 COTO-FR2 Datasheet
665Kb / 4P
   Proximity sensing, Smoke alarms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com