Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML4737A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # SML4737A
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SML4737A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  SML4737A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SML4737A Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SML4728A - SML4764A
1 of 2
Features
Mechanical Data
Rating
Symbol
Value
Unit
DC Power Dissipation at TL = 75 °C (Note1)
PD
1.0
W
Maximum Forward Voltage at IF = 200 mA
VF
1.2
V
Junction Temperature Range
TJ
- 55 to + 150
°C
Storage Temperature Range
Ts
- 55 to + 150
°C
Note :
(1) P.C.B. Mounted on 0.31x0.31x0.08" (8x8x2mm) copper areas pads.
www.sunmate.tw
VOLTAGE RANGE: 3.3V - 100V
POWER: 1.0Wa t t s
SURFACE MOUNT SILICON ZENER DIODES
!
!
!
!
!
!
!
!
!
!
!
A
B
C
D
G
H
E
J
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
SMA(DO-214AC)
Complete voltage range 3.3 to100 volts
High peak reverse power dissipation
High reliability
Low leakage current
Standard zener voltage tolerance is ± 5%.
Case : SMA(DO-214AC)Moldedplastic
Epoxy : UL94V-O rate flameretardant
Lead : Lead formed forSurfacemount
Polarity : Colorbanddenotescathodeend
Mountingposition : Any
Weight: 0.064 grams (approx.)
Maximum Ratings @ TA = 25°C unless otherwise specified


Similar Part No. - SML4737A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SML4737A EIC-SML4737A Datasheet
99Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Anova Technologies CO.,...
SML4737A ANOVA-SML4737A Datasheet
267Kb / 3P
   Surface Mount Zener Diodes
More results

Similar Description - SML4737A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com