Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJL4281A Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MJL4281A
Description  Complementary NPN-PNP Silicon Power Bipolar Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJL4281A Datasheet(HTML) 3 Page - ON Semiconductor

  MJL4281A Datasheet HTML 1Page - ON Semiconductor MJL4281A Datasheet HTML 2Page - ON Semiconductor MJL4281A Datasheet HTML 3Page - ON Semiconductor MJL4281A Datasheet HTML 4Page - ON Semiconductor MJL4281A Datasheet HTML 5Page - ON Semiconductor MJL4281A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJL4281A (NPN) MJL4302A (PNP)
http://onsemi.com
3
10
100
1000
0.01
0.1
1
10
100
TJ = 100°C
TJ = 25°C
Figure 1. DC Current Gain, VCE = 5 V,
NPN MJL4281A
IC, COLLECTOR CURRENT (A)
10
100
1000
0.01
0.1
1
10
100
Figure 2. DC Current Gain, VCE = 5 V,
PNP MJL4302A
IC, COLLECTOR CURRENT (A)
TJ = 100°C
TJ = 25°C
10
100
1000
0.01
0.1
1
10
100
Figure 3. DC Current Gain, VCE = 20 V,
NPN MJL4281A
IC, COLLECTOR CURRENT (A)
TJ = 100°C
TJ = 25°C
10
100
1000
0.01
0.1
1
10
100
Figure 4. DC Current Gain, VCE = 20 V,
PNP MJL4302A
IC, COLLECTOR CURRENT (A)
TJ = 100°C
TJ = 25°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.01
0.1
1
10
100
Figure 5. Typical Saturation Voltage,
NPN MJL4281A
IC, COLLECTOR CURRENT (A)
TJ = 25°C
Ic/Ib = 10
Vbe(sat)
Vce(sat)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.01
0.1
1
10
100
Figure 6. Typical Saturation Voltage,
PNP MJL4302A
IC, COLLECTOR CURRENT (A)
TJ = 25°C
Ic/Ib = 10
Vbe(sat)
Vce(sat)
TYPICAL CHARACTERISTICS


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn