Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX85C91AF Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BZX85C91AF
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZX85C91AF Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BZX85C91AF Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZX85C91AF Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Complete Voltage Range 2.4 to 200 Volts
VOLTAGE RANGE: 2.4 - 200V
BZX85C2V4AF - BZX85C200AF
POWER: 1.3Wa t t s
Rating
Symbol
Value
Unit
DC Power Dissipation at TL = 50
°C (Note1)
PD
1.3
Watts
Maximum Forward Voltage at IF = 200 mA
VF
1.0
Volts
Maximum Thermal Resistance Junction to Ambient Air (Note2)
RθJA
130
K / W
Junction Temperature Range
TJ
- 55 to + 175
°C
Storage Temperature Range
Ts
- 55 to + 175
°C
Note :
(1) TL = Lead temperature at 3/8 " (9.5mm) from body
(2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case.
Features
!
!
!
!
High peak reverse power dissipation
High reliability
Low leakage current
www.sunmate.tw
0
25
50
75
100
125
150
175
TL, LEAD TEMPERATURE (°C)
0.3
0.6
0.9
1.2
1.5
L = 3/8" (9.5mm)
Fig. 1 POWER TEMPERATURE DERATING CURVE
!
!
!
!
!
Mechanical Data
!
!
per MIL-STD-750, Method 2026
!
!
!
Polarity:Color band denotes cathode end
Mounting Position:Any
Weight:0.0018 ounce, 0.064 grams
Case: SMAF,Molded Plastic
Terminals: Solder Plated, Solderable
0.65
0.67
0.63
1.40
1.42
1.38
1.00
1.03
0.097
2.60
2.63
2.57
3.70
3.72
3.68
4.75
4.85 4.80
SMAF
A
E
L
B
C
E
H
D
0.15
0.17
0.13
E
D
A
Dim
Min
Max
Typ
B
C
H
L
All Dimensions in mm
Maximum Ratings TA = 25°C unless otherwise specified
SURFACE MOUNT SILICON ZENER DIODES


Similar Part No. - BZX85C91AF

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX85C91 EIC-BZX85C91 Datasheet
18Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
BZX85C91 VISHAY-BZX85C91 Datasheet
103Kb / 6P
   Zener Diodes
Rev. 2.2, 02-Jun-14
logo
GOOD-ARK Electronics
BZX85C91 GOOD-ARK-BZX85C91 Datasheet
129Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
SUNMATE electronic Co.,...
BZX85C91 SUNMATE-BZX85C91 Datasheet
364Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX85C91 TSC-BZX85C91 Datasheet
150Kb / 5P
   Voltage Range 2.4 to 212 Volts 1.3Watts Power Dissipation
More results

Similar Description - BZX85C91AF

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com