Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTZ10B Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # PTZ10B
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

PTZ10B Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  PTZ10B Datasheet HTML 1Page - SUNMATE electronic Co., LTD PTZ10B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PTZ36B
PTZ33B
PTZ30B
PTZ27B
PTZ24B
PTZ22B
PTZ20B
PTZ18B
PTZ16B
PTZ15B
PTZ13B
PTZ12B
PTZ11B
PTZ10B
PTZ9.1B
PTZ8.2B
PTZ7.5B
PTZ6.8B
PTZ6.2B
PTZ5.6B
PTZ5.1B
PTZ4.7B
PTZ4.3B
PTZ3.9B
PTZ3.3B
PTZ3.6B
2 of 2
ELECTRICAL CHARACTERISTICS Rating at 25 °C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Maximum
Voltage
Impedance
Leakage Current
Zener Current
Surge Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
IRM
(2)
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
(mApk)
3.3
76.0
10
400
1.0
100
1.0
276
1380
3.6
69.0
10
400
1.0
100
1.0
252
1260
3.9
64.0
9.0
400
1.0
50
1.0
234
1190
4.3
58.0
9.0
400
1.0
10
1.0
217
1070
4.7
53.0
8.0
500
1.0
10
1.0
193
970
5.1
49.0
7.0
550
1.0
10
1.0
178
890
5.6
45.0
5.0
600
1.0
10
2.0
162
810
6.2
41.0
2.0
700
1.0
10
3.0
146
730
6.8
37.0
3.5
700
1.0
50
4.0
133
660
7.5
34.0
4.0
700
0.5
50
5.0
121
605
8.2
31.0
4.5
700
0.5
50
6.0
110
550
9.1
28.0
5.0
700
0.5
50
7.0
100
500
10
25.0
7.0
700
0.25
50
7.6
91
454
11
23.0
8.0
700
0.25
50
8.4
83
414
12
21.0
9.0
700
0.25
5.0
9.1
76
380
13
19.0
10
700
0.25
5.0
9.9
69
344
15
17.0
14
700
0.25
5.0
11.4
61
305
16
15.5
16
700
0.25
5.0
12.2
57
285
18
14.0
20
750
0.25
5.0
13.7
50
250
20
12.5
22
750
0.25
5.0
15.2
45
225
22
11.5
23
750
0.25
5.0
16.7
41
205
24
10.5
25
750
0.25
5.0
18.2
38
190
27
9.5
35
750
0.25
5.0
20.6
34
170
30
8.5
40
1000
0.25
5.0
22.8
30
150
33
7.5
45
1000
0.25
5.0
25.1
27
135
36
7.0
50
1000
0.25
5.0
27.4
25
125
Notes :
(1) The type number listed have a standard t erance on the nominal zener voltage of
± 5%.
Type
www.sunmate.tw


Similar Part No. - PTZ10B

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZ10B ROHM-PTZ10B Datasheet
227Kb / 5P
   Zener diode
PTZ10B ROHM-PTZ10B Datasheet
176Kb / 5P
   Zener diode
PTZ10B ROHM-PTZ10B Datasheet
2Mb / 10P
   Zener Diode
PTZ10B ROHM-PTZ10B Datasheet
154Kb / 5P
   Zener diode
PTZ10B ROHM-PTZ10B Datasheet
222Kb / 5P
   Zener diode
More results

Similar Description - PTZ10B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com