Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM743-SERIES Datasheet(PDF) 3 Page - ELM Electronics

Part # ELM743-SERIES
Description  CMOS Low power voltage dual comparator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM743-SERIES Datasheet(HTML) 3 Page - ELM Electronics

  ELM743-SERIES Datasheet HTML 1Page - ELM Electronics ELM743-SERIES Datasheet HTML 2Page - ELM Electronics ELM743-SERIES Datasheet HTML 3Page - ELM Electronics ELM743-SERIES Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
http://www.elm-tech.com
Rev.0.2
4 -
■Typical operating characteristics
0
1
2
3
4
5
6
7
0.5
1.0
1.5
2.0
2.5
3.0
Vdd (V)
Iss - Vdd
Top=-20�, Vout="H"
Top=-20�, Vout="L"
Top=25�, Vout="H"
Top=25�, Vout="L"
Top=70�, Vout="L"
Top=70�, Vout="H"
-8 -6 -4 -2
0
2
4
6
8
5
10
15
20
25
VOS (mV)
VOS - Distribution
Vdd=3.6V, Vicr=0V
Iss-Vdd
Offset voltage distribution (Vicr=Vss)
Offset voltage distribution (Vicr=Vdd/2)
Offset voltage distribution (Vicr=Vdd)
-8 -6 -4 -2
0
2
4
6
8
5
10
15
20
25
VOS (mV)
VOS - Distribution
Vdd=3.6V, Vivr=1.8V
-10 -8 -6 -4 -2 0 2 4 6 8 10
2
4
6
8
10
12
VOS (mV)
VOS - Distribution
Vdd=3.6V, Vicr=3.6V
0
1
2
3
4
5
6
7
10
20
30
40
Vdd (V)
IoutN - Vdd
Vout=0.4V
0
1
2
3
4
5
6
7
0.5
1.0
1.5
2.0
2.5
Vdd (V)
IoutP - Vdd
Vout=Vdd-0.4V
0
1
2
3
4
5
6
7
10
20
30
40
50
60
70
80
Vdd (V)
tHL, tLH - Vdd
tHL
tLH
Vin+=Vdd/2, Vin-=Vdd/ to 0.05V�Vdd/2+0.05V
-20 -10 0 10 20 30 40 50 60 70
5
10
15
20
25
30
Top (�)
tHL, tLH - Top
tHL
tLH
Vdd=3.6V, Vin+=1.8V, Vin-=1.75�1.85V
ELM743xxA CMOS Low power voltage dual comparator
Preliminary


Similar Part No. - ELM743-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
   CMOS Low power voltage dual comparator
logo
ELM Electronics
ELM743 ELM-ELM743 Datasheet
333Kb / 4P
   CMOS Low power voltage dual comparator
logo
ELM Technology Corporat...
ELM743CMA-N ELM-TECH-ELM743CMA-N Datasheet
327Kb / 4P
   CMOS Low power voltage dual comparator
ELM743CMA-S ELM-TECH-ELM743CMA-S Datasheet
327Kb / 4P
   CMOS Low power voltage dual comparator
ELM743CNA-N ELM-TECH-ELM743CNA-N Datasheet
327Kb / 4P
   CMOS Low power voltage dual comparator
More results

Similar Description - ELM743-SERIES

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743_17 Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
logo
STMicroelectronics
TS372 STMICROELECTRONICS-TS372 Datasheet
84Kb / 5P
   LOW POWER DUAL CMOS VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
   CMOS Low power voltage dual comparator
logo
ELM Electronics
ELM743 ELM-ELM743 Datasheet
333Kb / 4P
   CMOS Low power voltage dual comparator
logo
ELM Technology Corporat...
ELM742 ELM-TECH-ELM742 Datasheet
645Kb / 4P
   CMOS Low power voltage comparator
ELM742-SERIES ELM-TECH-ELM742-SERIES Datasheet
645Kb / 4P
   CMOS Low power voltage comparator
logo
ELM Electronics
ELM742 ELM-ELM742 Datasheet
326Kb / 4P
   CMOS Low power voltage comparator
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
   LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
STMicroelectronics
TS374 STMICROELECTRONICS-TS374 Datasheet
88Kb / 5P
   LOW POWER QUAD CMOS VOLTAGE COMPARATOR
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
   Low-power dual voltage comparator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com