Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMS4684LDX Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS4684LDX
Description  0.5 Low-Voltage, Dual SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS4684LDX Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMS4684LDX Datasheet HTML 1Page - National Semiconductor (TI) LMS4684LDX Datasheet HTML 2Page - National Semiconductor (TI) LMS4684LDX Datasheet HTML 3Page - National Semiconductor (TI) LMS4684LDX Datasheet HTML 4Page - National Semiconductor (TI) LMS4684LDX Datasheet HTML 5Page - National Semiconductor (TI) LMS4684LDX Datasheet HTML 6Page - National Semiconductor (TI) LMS4684LDX Datasheet HTML 7Page - National Semiconductor (TI) LMS4684LDX Datasheet HTML 8Page - National Semiconductor (TI) LMS4684LDX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
+, IN
−0.3V to 6.0V
COM, NO, NC
−0.3V to (V
+ + 0.3V)
Continuous Current NO, NC,
COM
±400mA
ESD Tolerance (Note 2)
Human Body Model
2000V
Machine Model
200V
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature (Note 3)
150˚C Max
Operating Ratings
Nominal Supply Voltage
1.8V to 5.5V
Temperature Range
−40˚C to 85˚C
Thermal Resistance
θ
JA
LLP-10
TBD
micro SMD-12
TBD
Electrical Characteristics
Unless otherwise specified, V
+ = 2.7 to 3.3V, V
IH = 1.4V, VIL = 0.5V. Typical values are measured at 3V, and TJ = 25˚C.
Boldface limits apply at temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
NO,
V
NC,
V
COM
Analog Signal Range
0
V
+
V
R
ON (NC)
NC-On-Resistance (Note 4)
V
+ =2.7, I
COM =100ma,
V
NC =0 to V
+
0.3
0.5
R
ON (NO)
NO-On-Resistance (Note 4)
V
+ =2.7, I
COM =100ma,
V
NO =0 to V
+
0.45
0.8
∆R
ON
On-Resistance Match Between
Channels (Note 4), (Note 5)
V
+ =2.7, I
COM =100ma,
V
NC or VNO =1.5V
0.06
R
FLAT(NC) NC-On-Resistance Flatness (Note 6)
V
+ =2.7V,
I
COM =100mA,
V
NC =0 to V
+
LLP
T
J =0˚C to 85˚C
0.15
micro SMD
T
J =0˚C to 85˚C
0.17
LLP
T
J = −40˚C to +85˚C
0.18
micro SMD
T
J = −40˚C to +85˚C
0.20
R
FLAT(NO) NO-On Resistance Flatness (Note 6)
V
+ =2.7V, I
COM =100mA,
V
NO = 0 to V
+
0.35
I
NO(OFF)
or
I
NC(OFF)
NO or NC Off-Leakage Current
V
+ =3.3V, V
NO or VNC =3V,
0.3V; V
COM =0.3V, 3V
−1
1
nA
−10
10
I
COM
(ON)
COM On-Leakage Current
V
+ =3.3V, V
NO or VNC =3V,
0.3V, or floating; V
COM =3V, or floating
−2
2
nA
−20
20
Dynamic Characteristics
t
ON
Turn-On Time
V
+ =2.7V, V
NO or VNC =1.5V;
R
L =50
Ω;C
L =35pF;
35
55
ns
65
t
OFF
Turn-Off Time
V
+ =2.7V, V
NO or VNC =1.5V;
R
L =50
Ω;C
L =35pF;
25
30
ns
40
t
BBM
Break-Before-Make-Delay
V
+ =2.7V, V
NO or VNC =1.5V;
R
L =50
Ω;C
L =35pF;
2
15
ns
Q
Charge Injection
COM =0; R
S =0; CL= 1nF;
200
pC
Digital I/O
V
IH
Input Logic High
1.4
V
V
IL
Input Logic Low
0.5
V
I
IN
IN Input Leakage Current
V
IN =0 or V
+
−1
1
µA
www.national.com
2


Similar Part No. - LMS4684LDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS4684LD/NOPB TI-LMS4684LD/NOPB Datasheet
956Kb / 18P
[Old version datasheet]   0.5Ohm Low-Voltage, Dual SPDT Analog Switch
More results

Similar Description - LMS4684LDX

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1746 AMSCO-AS1746 Datasheet
360Kb / 2P
   0.5/0.6ohm, Low-Voltage, Dual SPDT Analog Switch
AS1746 AMSCO-AS1746_1 Datasheet
483Kb / 15P
   0.5/0.6, Low-Voltage, Dual SPDT Analog Switch
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684 Datasheet
609Kb / 12P
   0.5廓 Low-Voltage Dual SPDT Analog Switch
UM4684 UNIONSEMI-UM4684_15 Datasheet
514Kb / 12P
   0.5(OHM) Low-Voltage Dual SPDT Analog Switch
logo
Texas Instruments
LMS4684 TI1-LMS4684 Datasheet
991Kb / 19P
[Old version datasheet]   LMS4684 0.5廓 Low-Voltage, Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_15 Datasheet
108Kb / 10P
   Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
NLAS5223 ONSEMI-NLAS5223_06 Datasheet
115Kb / 11P
   Ultra-Low 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 4
logo
Shenzhen Huazhimei Semi...
HM5223 HMSEMI-HM5223 Datasheet
637Kb / 8P
   Ultra-Low 0.5廓 Dual SPDT Analog Switch
logo
Integrated Device Techn...
IDTAS4684 IDT-IDTAS4684_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684A IDT-IDTAS4684A_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com