Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6702MDC Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6702MDC
Description  LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6702MDC Datasheet(HTML) 1 Page - Texas Instruments

  LMH6702MDC Datasheet HTML 1Page - Texas Instruments LMH6702MDC Datasheet HTML 2Page - Texas Instruments LMH6702MDC Datasheet HTML 3Page - Texas Instruments LMH6702MDC Datasheet HTML 4Page - Texas Instruments LMH6702MDC Datasheet HTML 5Page - Texas Instruments LMH6702MDC Datasheet HTML 6Page - Texas Instruments LMH6702MDC Datasheet HTML 7Page - Texas Instruments LMH6702MDC Datasheet HTML 8Page - Texas Instruments LMH6702MDC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1M
10M
100M
Frequency (Hz)
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-40
-55
-50
-45
HD2, RL = 1 k:
HD3, RL = 1 k:
HD2, RL = 100 :
HD3, RL = 100 :
1M
10M
100M
1G
Frequency (Hz)
-7
-6
-5
-4
-3
-2
-1
0
1
-430
-380
-330
-280
-230
-180
-130
-80
-30
AV = -1
AV = -10
AV = -4
AV = -2
PHASE
GAIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMH6702
SNOSA03H – NOVEMBER 2002 – REVISED MAY 2016
LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
1
1 Features
1
VS = ±5 V, TA = 25°C, AV = 2V/V, RL = 100 Ω,
VOUT = 2 VPP, Typical Unless Noted:
2nd and 3rd Harmonics (5 MHz, SOT-23)
−100/−96
dBc
−3-dB Bandwidth (VOUT = 0.5 VPP) 1.7 GHz
Low Noise 1.83 nV/
√Hz
Fast Settling to 0.1% 13.4 ns
Fast Slew Rate 3100 V/
μs
Supply Current 12.5 mA
Output Current 80 mA
Low Intermodulation Distortion (75 MHz)
−67 dBc
Improved Replacement for CLC409 and CLC449
2 Applications
Flash A-D Driver
D-A Transimpedance Buffer
Wide Dynamic Range IF Amp
Radar and Communication Receivers
Line Driver
High Resolution Video
3 Description
The LMH6702 is a very wideband, DC-coupled
monolithic operational amplifier designed specifically
for wide dynamic range systems requiring exceptional
signal fidelity. Benefitting from current feedback
architecture, the LMH6702 offers unity gain stability at
exceptional
speed
without
need
for
external
compensation.
With its 720-MHz bandwidth (AV = 2 V/V, VO = 2 VPP),
10-bit distortion levels through 60-MHz (RL = 100 Ω),
1.83-nV/
√Hz input referred noise and 12.5-mA supply
current, the LMH6702 is the ideal driver or buffer for
high-speed flash A-D and D-A converters.
Wide dynamic range systems such as radar and
communication receivers that require a wideband
amplifier offering exceptional signal purity will find the
low input referred noise and low harmonic and
intermodulation
distortion
of
the
LMH6702
an
attractive high speed solution.
The
LMH6702
is
constructed
using
VIP10™
complimentary bipolar process and proven current
feedback architecture. The LMH6702 is available in
SOIC and SOT-23 packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMH6702
SOIC (8)
4.90 mm × 3.91 mm
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Inverting Frequency Response
Harmonic Distortion vs Load and Frequency


Similar Part No. - LMH6702MDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702MDC TI1-LMH6702MDC Datasheet
692Kb / 19P
[Old version datasheet]   1.7-GHz Ultra-Low Distortion Wideband Op Amp
More results

Similar Description - LMH6702MDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_17 Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702-MIL TI1-LMH6702-MIL Datasheet
692Kb / 19P
[Old version datasheet]   1.7-GHz Ultra-Low Distortion Wideband Op Amp
5962F0254601VZA TI-5962F0254601VZA Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_15 Datasheet
402Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
logo
National Semiconductor ...
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
   Ultra Low Distortion, Wideband Op Amp
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
   Low Distortion Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com