Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25AA02E48 Datasheet(PDF) 13 Page - Microchip Technology

Part # 25AA02E48
Description  2K SPI Bus Serial EEPROMs with EUI-48??or EUI-64??Node Identity
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA02E48 Datasheet(HTML) 13 Page - Microchip Technology

Back Button 25AA02E48_16 Datasheet HTML 9Page - Microchip Technology 25AA02E48_16 Datasheet HTML 10Page - Microchip Technology 25AA02E48_16 Datasheet HTML 11Page - Microchip Technology 25AA02E48_16 Datasheet HTML 12Page - Microchip Technology 25AA02E48_16 Datasheet HTML 13Page - Microchip Technology 25AA02E48_16 Datasheet HTML 14Page - Microchip Technology 25AA02E48_16 Datasheet HTML 15Page - Microchip Technology 25AA02E48_16 Datasheet HTML 16Page - Microchip Technology 25AA02E48_16 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2008-2016 Microchip Technology Inc.
DS20002123F-page 13
25AA02E48/25AA02E64
3.0
PRE-PROGRAMMED EUI-48™
OR EUI-64™ NODE ADDRESS
The 25AA02EXX is programmed at the factory with a
globally unique node address stored in the upper 1/4 of
the array and write-protected through the STATUS
register. The remaining 1,536 bits are available for
application use.
FIGURE 3-1:
MEMORY ORGANIZATION
3.1
Factory-Programmed Write
Protection
In order to help guard against accidental corruption of
the node address, the BP1 and BP0 bits of the STATUS
register are programmed at the factory to ‘0’ and ‘1’,
respectively, as shown in the following table:
This protects the upper 1/4 of the array (0xC0 to 0xFF)
from write operations. This array block can be utilized
for writing by clearing the BP bits with a Write Status
Register (WRSR) instruction. Note that if this is
performed, care must be taken to prevent overwriting
the node address value.
3.2
EUI-48
Node Address
(25AA02E48)
The 6-byte EUI-48™ node address value of the
25AA02E48 is stored in array locations 0xFA through
0xFF, as shown in Figure 3-2. The first three bytes are
the Organizationally Unique Identifier (OUI) assigned
to Microchip by the IEEE Registration Authority. The
remaining three bytes are the Extension Identifier, and
are generated by Microchip to ensure a globally
unique, 48-bit value.
3.2.1
EUI-64™ SUPPORT USING THE
25AA02E48
The pre-programmed EUI-48 node address of the
25AA02E48 can easily be encapsulated at the
application level to form a globally unique, 64-bit node
address for systems utilizing the EUI-64 standard. This
is done by adding 0xFFFE between the OUI and the
Extension Identifier, as shown below.
FIGURE 3-2:
EUI-48 NODE ADDRESS PHYSICAL MEMORY MAP EXAMPLE (25AA02E48)
7654
3
2
1
0
XXXX
BP1
BP0
WEL
WIP
———
01
——
00h
C0h
FFh
Write-Protected
Node Address Block
Standard
EEPROM
Note:
Currently,
Microchip’s
OUIs
are
0x0004A3, 0x001EC0, 0xD88039 and
0x5410EC, though this will change as
addresses are exhausted.
Note:
As
an
alternative,
the
25AA02E64
features an EUI-64 node address that can
be used in EUI-64 applications directly
without
the
need
for
encapsulation,
thereby simplifying system software. See
Section 3.3 “EUI-64™ Node Address
(25AA02E64)” for details.
FAh
FFh
24-bit Organizationally
Unique Identifier
24-bit Extension
Identifier
00h
04h
A3h
12h
34h
56h
Corresponding EUI-48™ Node Address: 00-04-A3-12-34-56
Description
Data
Array
Address
Corresponding EUI-64™ Node Address After Encapsulation: 00-04-A3-FF-FE-12-34-56


Similar Part No. - 25AA02E48_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA02E48 MICROCHIP-25AA02E48_10 Datasheet
485Kb / 26P
   2K SPI Bus Serial EEPROM with EUI-48??Node Identity
2010
25AA02E48 MICROCHIP-25AA02E48_13 Datasheet
626Kb / 28P
   2K SPI Bus Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
More results

Similar Description - 25AA02E48_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA02E48 MICROCHIP-25AA02E48_13 Datasheet
626Kb / 28P
   2K SPI Bus Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
24AA02E48 MICROCHIP-24AA02E48_13 Datasheet
632Kb / 30P
   2K I2C??Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
24AA02E48 MICROCHIP-24AA02E48_16 Datasheet
450Kb / 32P
   2K I2C Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
11AA02E48 MICROCHIP-11AA02E48_16 Datasheet
494Kb / 32P
   2K UNI/O짰 Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
24AA025E48-I MICROCHIP-24AA025E48-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48??Node Identity
01/05/10
24AA025E48 MICROCHIP-24AA025E48 Datasheet
513Kb / 28P
   2K I2C??Serial EEPROMs with EUI-48??Node Identity
2010
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
25AA02E48 MICROCHIP-25AA02E48_10 Datasheet
485Kb / 26P
   2K SPI Bus Serial EEPROM with EUI-48??Node Identity
2010
25AA02E48 MICROCHIP-25AA02E48 Datasheet
311Kb / 20P
   2K SPI Bus Serial EEPROM with EUI-48??Node Identity
2008
11AA02E64 MICROCHIP-11AA02E64 Datasheet
589Kb / 31P
   2K UNI/O® Serial EEPROMs with EUI-48™ or EUI-64™ Node Identity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com