Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6644 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6644
Description  LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6644 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6644 Datasheet HTML 2Page - Texas Instruments LMH6644 Datasheet HTML 3Page - Texas Instruments LMH6644 Datasheet HTML 4Page - Texas Instruments LMH6644 Datasheet HTML 5Page - Texas Instruments LMH6644 Datasheet HTML 6Page - Texas Instruments LMH6644 Datasheet HTML 7Page - Texas Instruments LMH6644 Datasheet HTML 8Page - Texas Instruments LMH6644 Datasheet HTML 9Page - Texas Instruments LMH6644 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
LMH6642, LMH6643, LMH6644
SNOS966Q – MAY 2001 – REVISED SEPTEMBER 2014
www.ti.com
7.5
3V Electrical Characteristics
Unless otherwise specified, all limits ensured for V
+ = 3V, V= 0V, V
CM = VO = V
+/2, V
ID (input differential voltage) as noted
(where applicable) and RL = 2kΩ to V
+/2.
PARAMETER
TEST CONDITIONS
AT
V+ = 3V, V= 0V,
UNIT
TEMPERATURE
VCM = VO = V
+/2, V
ID
EXTREMES
RL = 2 kΩ to V
+/2
MIN
TYP
MAX
MIN(1)
TYP(2)
MAX(1)
BW
−3dB BW
AV = +1, VOUT = 200mVPP
80
115
MHz
AV = +2, −1, VOUT = 200mVPP
46
BW0.1dB 0.1dB Gain
AV = +2, RL = 150Ω to V+/2,
MHz
19
Flatness
Rf = 402
Ω, VOUT = 200mVPP
PBW
Full Power
AV = +1, −1dB, VOUT = 1VPP
MHz
40
Bandwidth
en
Input-Referred
f = 100kHz
17
nV/
√Hz
Voltage Noise
f = 1kHz
48
in
Input-Referred
f = 100kHz
0.90
pA/
√Hz
Current Noise
f = 1kHz
3.3
THD
Total Harmonic
f = 5MHz, VO = 2VPP, AV = −1,
−48
dBc
Distortion
RL = 100Ω to V
+/2
DG
Differential Gain
VCM = 1V, NTSC, AV = +2
0.17%
RL =150Ω to V
+/2
RL =1kΩ to V
+/2
0.03%
DP
Differential
VCM = 1V, NTSC, AV = +2
0.05
Phase
RL =150Ω to V
+/2
deg
RL =1kΩ to V
+/2
0.03
CT Rej.
Cross-Talk
f = 5MHz, Receiver:
dB
47
Rejection
Rf = Rg = 510Ω, AV = +2
TS
Settling Time
VO = 2VPP, ±0.1%, 8pF Load,
ns
68
VS = 5V
SR
Slew Rate (3)
AV = −1, VI = 2VPP
90
120
V/µs
VOS
Input Offset
For LMH6642 and LMH6644
±7
±1
±5
mV
Voltage
For LMH6643
±7
±1
±3.4
TC VOS Input Offset
See (4)
µV/°C
±5
Average Drift
IB
Input Bias
See (5)
−3.25
−1.50
−2.60
µA
Current
IOS
Input Offset
1000
20
800
nA
Current
RIN
Common Mode
M
3
Input Resistance
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Slew rate is the average of the rising and falling slew rates.
(4)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes by the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
6
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: LMH6642 LMH6643 LMH6644


Similar Part No. - LMH6644

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6644 NSC-LMH6644 Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6644 TI-LMH6644 Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644 TI-LMH6644 Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644 TI-LMH6644 Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644 TI1-LMH6644 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6644

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6643Q-Q1 TI1-LMH6643Q-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6642Q/LMH6643Q Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6644-MIL TI1-LMH6644-MIL Datasheet
855Kb / 28P
[Old version datasheet]   Low-Power, 130-MHz, 75-mA Rail-to-Rail Output Amplifier
logo
Analog Devices
ADA4692 AD-ADA4692 Datasheet
706Kb / 20P
   Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
REV. D
ADA4691-2 AD-ADA4691-2_V01 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
logo
National Semiconductor ...
LMH6618 NSC-LMH6618 Datasheet
1Mb / 26P
   130 MHz, 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com