Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962F0254501VZA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # 5962F0254501VZA
Description  Dual Wideband, Low Noise, Voltage Feedback Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962F0254501VZA Datasheet(HTML) 6 Page - Texas Instruments

Back Button 5962F0254501VZA Datasheet HTML 2Page - Texas Instruments 5962F0254501VZA Datasheet HTML 3Page - Texas Instruments 5962F0254501VZA Datasheet HTML 4Page - Texas Instruments 5962F0254501VZA Datasheet HTML 5Page - Texas Instruments 5962F0254501VZA Datasheet HTML 6Page - Texas Instruments 5962F0254501VZA Datasheet HTML 7Page - Texas Instruments 5962F0254501VZA Datasheet HTML 8Page - Texas Instruments 5962F0254501VZA Datasheet HTML 9Page - Texas Instruments 5962F0254501VZA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
-80
-75
-70
-65
-60
-55
-50
-45
-40
OUTPUT (VPP)
5MHz
10MHz
20MHz
0.0
1.0
2.0
3.0
4.0
5.0
6.0
OUTPUT (VPP)
-80
-70
-60
-50
-40
-30
-20
7.0
5MHz
10MHz
20MHz
0
5
10
15
20
25
30
35
40
45
-1.5
-1
-0.5
0
0.5
1
1.5
TIME (ns)
AV = -1
AV = 2
0
5
10
15
20
25
30
35
40
45
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
TIME (ns)
AV = -1
AV = 2
1
10
100
1k
FREQUENCY (MHz)
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
CH1 TO CH2
CH2 TO CH1
1
10
100
1k
FREQUENCY (MHz)
-8
-7
-6
-5
-4
-3
-2
-1
0
-100
-80
-60
-40
-20
0
PHASE
GAIN
AV = 2
VO = 1.2VPP
CHANNEL 2
CHANNEL 2
CHANNEL 1
LMH6628QML
SNOSAQ1B – DECEMBER 2010 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(TA = +25°, AV = +2, VCC = ±5V, RF =100Ω, RL = 100Ω, unless specified)
Channel Matching
Channel to Channel Crosstalk
Figure 10.
Figure 11.
Pulse Response (VO = 2V)
Pulse Response (VO = 100mV)
Figure 12.
Figure 13.
2nd Harmonic Distortion
3rd Harmonic Distortion
vs.
vs.
Output Voltage
Output Voltage
Figure 14.
Figure 15.
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMH6628QML


Similar Part No. - 5962F0254501VZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F0254201QXC INTERSIL-5962F0254201QXC Datasheet
135Kb / 2P
   Single-Event Hardened, Single Supply, Quad Operational Amplifier
5962F0254201VXC INTERSIL-5962F0254201VXC Datasheet
135Kb / 2P
   Single-Event Hardened, Single Supply, Quad Operational Amplifier
logo
Texas Instruments
5962F0254601VPA TI-5962F0254601VPA Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
5962F0254601VPA TI1-5962F0254601VPA Datasheet
402Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
5962F0254601VPA TI1-5962F0254601VPA Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
More results

Similar Description - 5962F0254501VZA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML Datasheet
450Kb / 18P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628 TI1-LMH6628 Datasheet
1Mb / 21P
[Old version datasheet]   LMH6628 Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628EP NSC-LMH6628EP Datasheet
534Kb / 16P
   Enhanced Plastic Dual Wideband, Low Noise, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
MNLMH6624-X NSC-MNLMH6624-X Datasheet
180Kb / 12P
   ULTRA LOW NOISE WIDEBAND OP AMP
CLC425 NSC-CLC425 Datasheet
1Mb / 9P
   Ultra Low Noise Wideband Op Amp
logo
Texas Instruments
CLC425 TI1-CLC425 Datasheet
1Mb / 18P
[Old version datasheet]   Ultra Low Noise Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com