Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6628QML Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6628QML
Description  Dual Wideband, Low Noise, Voltage Feedback Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6628QML Datasheet(HTML) 3 Page - Texas Instruments

  LMH6628QML_13 Datasheet HTML 1Page - Texas Instruments LMH6628QML_13 Datasheet HTML 2Page - Texas Instruments LMH6628QML_13 Datasheet HTML 3Page - Texas Instruments LMH6628QML_13 Datasheet HTML 4Page - Texas Instruments LMH6628QML_13 Datasheet HTML 5Page - Texas Instruments LMH6628QML_13 Datasheet HTML 6Page - Texas Instruments LMH6628QML_13 Datasheet HTML 7Page - Texas Instruments LMH6628QML_13 Datasheet HTML 8Page - Texas Instruments LMH6628QML_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LMH6628QML
www.ti.com
SNOSAQ1B – DECEMBER 2010 – REVISED MAY 2013
QUALITY CONFORMANCE INSPECTION
MIL-STD-883, Method 5005 - Group A
Subgroup
Description
Temp (°C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
LMH6628QML ELECTRICAL CHARACTERISTICS DC PARAMETERS STATIC AND DC TESTS
The following conditions apply, unless otherwise specified.
VCC = +5VDC, AV = +2V, RL = 100Ω, RF = 100Ω, −55°C ≤ TA ≤ +125°C
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
(1)
-10
+10
μA
1
IB
Input Bias Current
-20
+20
μA
2
-20
+20
μA
3
(1)
-2
+2
mV
1
VIO
Input Offset Voltage
-2.6
+2.6
mV
2, 3
(1)
24
mA
1
ICC
Supply Current
RL = ∞
24
mA
2
25
mA
3
+VS = +4.0V to +5.0V,
60
dB
1
PSRR
Power Supply Rejection Ratio
-VS = -4.0V to -5.0V
55
dB
2, 3
VOUT
Output Voltage Range
RL = ∞
-5.0
+5.0
V
1, 2, 3
(1)
Pre and post irradiation limits are identical to those listed under electrical characteristics. These parts may be dose rate sensitive in a
space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters are specified
only for the conditions as specified in MIL-STD-883, Method 1019.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6628QML


Similar Part No. - LMH6628QML_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML Datasheet
450Kb / 18P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
More results

Similar Description - LMH6628QML_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML Datasheet
450Kb / 18P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628 TI1-LMH6628 Datasheet
1Mb / 21P
[Old version datasheet]   LMH6628 Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628EP NSC-LMH6628EP Datasheet
534Kb / 16P
   Enhanced Plastic Dual Wideband, Low Noise, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
MNLMH6624-X NSC-MNLMH6624-X Datasheet
180Kb / 12P
   ULTRA LOW NOISE WIDEBAND OP AMP
CLC425 NSC-CLC425 Datasheet
1Mb / 9P
   Ultra Low Noise Wideband Op Amp
logo
Texas Instruments
CLC425 TI1-CLC425 Datasheet
1Mb / 18P
[Old version datasheet]   Ultra Low Noise Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com