Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6622MA Datasheet(PDF) 9 Page - Texas Instruments

Part # LMH6622MA
Description  LMH6622 Dual Wideband, Low Noise, 160 MHz, Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6622MA Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6622MA Datasheet HTML 5Page - Texas Instruments LMH6622MA Datasheet HTML 6Page - Texas Instruments LMH6622MA Datasheet HTML 7Page - Texas Instruments LMH6622MA Datasheet HTML 8Page - Texas Instruments LMH6622MA Datasheet HTML 9Page - Texas Instruments LMH6622MA Datasheet HTML 10Page - Texas Instruments LMH6622MA Datasheet HTML 11Page - Texas Instruments LMH6622MA Datasheet HTML 12Page - Texas Instruments LMH6622MA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
FREQUENCY
(Hz)
1
k
100k
10M
-5
-1
2
10
k
1
M
-4
-3
-2
0
1
5
3
4
100M
AV = -1, BW = 187MHz
AV = -2, BW = 110MHz
AV = -10, BW =
30MHz
VSS = ±6V
RF = 500:
VIN =
100mVPP
AV = -5, BW =
45MHz
FREQUENCY
(Hz)
1
k
100k
10M
-5
-1
2
10
k
1
M
-4
-3
-2
0
1
5
3
4
100M
AV = +2, BW = 166MHz
AV = +3, BW = 96MHz
AV = +10, BW = 21MHz
VSS = ±6V
RF = 500:
VIN =
100mVPP
AV = +5, BW = 45MHz
1k
100k
10M
500
M
FREQUENCY (Hz)
-5
-2
+1
100M
1M
10k
+4
+2
0
-1
-4
+3
-3
+
5
VS = ±2.5V
AV = +2
VIN = 700mVPP, BW = 33MHz
VIN = 450mVPP, BW = 50MHz
VIN = 200mVPP, BW = 103MHz
VIN = 100mVPP, BW = 154MHz
VIN = 14mVPP, BW = 186MHz
1k
100k
10M
500
M
FREQUENCY (Hz)
-5
-2
+1
100M
1M
10k
+4
+2
0
-1
-4
+3
-3
+5
VS = ±6V
AV = +2
VIN = 700mVPP, BW = 35MHz
VIN = 450mVPP, BW = 55MHz
VIN = 200mVPP, BW = 114MHz
VIN = 100mVPP, BW = 164MHz
VIN = 14mVPP, BW = 190MHz
1
1k
1M
0.1
1
10
100
10k
100
10M
FREQUENCY (Hz)
100k
10
100
10
1
0.1
VS = ±2.5V
VOLTAGE
CURRENT
1
1k
1M
0.1
1
10
100
10k
100
10M
FREQUENCY (Hz)
100k
10
100
10
1
0.1
VS = ±6V
VOLTAGE
CURRENT
LMH6622
www.ti.com
SNOS986E – DECEMBER 2001 – REVISED JULY 2014
6.7 Typical Performance Characteristics
Figure 1. Current and Voltage Noise vs. Frequency
Figure 2. Current and Voltage Noise vs. Frequency
Figure 3. Frequency Response vs. Input Signal Level
Figure 4. Frequency Response vs. Input Signal Level
Figure 6. Non-Inverting Amplifier Frequency Response
Figure 5. Inverting Amplifier Frequency Response
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6622


Similar Part No. - LMH6622MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6622MA NSC-LMH6622MA Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
LMH6622MAX NSC-LMH6622MAX Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
More results

Similar Description - LMH6622MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6622 NSC-LMH6622 Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
   Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
December 1997
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_10 Datasheet
488Kb / 14P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
AZ4580 ETC-AZ4580 Datasheet
234Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com