Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6622MDC Datasheet(PDF) 5 Page - Texas Instruments

Part # LMH6622MDC
Description  LMH6622 Dual Wideband, Low Noise, 160 MHz, Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6622MDC Datasheet(HTML) 5 Page - Texas Instruments

  LMH6622MDC Datasheet HTML 1Page - Texas Instruments LMH6622MDC Datasheet HTML 2Page - Texas Instruments LMH6622MDC Datasheet HTML 3Page - Texas Instruments LMH6622MDC Datasheet HTML 4Page - Texas Instruments LMH6622MDC Datasheet HTML 5Page - Texas Instruments LMH6622MDC Datasheet HTML 6Page - Texas Instruments LMH6622MDC Datasheet HTML 7Page - Texas Instruments LMH6622MDC Datasheet HTML 8Page - Texas Instruments LMH6622MDC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LMH6622
www.ti.com
SNOS986E – DECEMBER 2001 – REVISED JULY 2014
6.5 ±6 V Electrical Characteristics
Unless otherwise specified, TJ = 25°C, V
+ = 6 V, V= −6 V, V
CM = 0 V, AV = +2, RF = 500 Ω, RL = 100 Ω. Some limits apply at
the temperature extremes as noted in the table.
TEMPERATURE
ROOM
EXTREMES
TEMPERATURE
PARAMETER
TEST CONDITIONS
UNIT
MIN(1)
TYP(2)
MAX(1)
MIN(1)
TYP(2)
MAX(1)
DYNAMIC PERFORMANCE
fCL
−3dB BW
VO = 200 mVPP
160
MHz
BW0.1dB 0.1dB Gain Flatness
VO = 20 0mVPP
30
MHz
SR
Slew Rate(3)
VO = 2 VPP
85
V/
μs
TS
Settling Time
VO = 2 VPP to ±0.1%
40
ns
VO = 2 VPP to ±1.0%
35
Tr
Rise Time
VO = 0.2 V Step, 10% to 90%
2.3
ns
Tf
Fall Time
VO = 0.2 V Step, 10% to 90%
2.3
ns
DISTORTION and NOISE RESPONSE
en
Input Referred Voltage
f = 100 kHz
nV/
√Hz
1.6
Noise
in
Input Referred Current
f = 100 kHz
pA/
√Hz
1.5
Noise
DG
Differential Gain
RL = 150 Ω, RF = 470 Ω, NTSC
0.03%
DP
Differential Phase
RL = 150 Ω, RF = 470 Ω, NTSC
0.03
deg
HD2
2nd Harmonic Distortion
fc = 1 MHz, VO = 2 VPP,
−90
RL = 100 Ω
dBc
fc = 1 MHz, VO = 2 VPP,
−100
RL = 500 Ω
HD3
3rd Harmonic Distortion
fc = 1 MHz, VO = 2 VPP,
−94
RL = 100 Ω
dBc
fc = 1 MHz, VO = 2 VPP,
−100
RL = 500 Ω
MTPR
Upstream
VO = 0.6 VRMS,
26 kHz to 132 kHz
−78
(see Figure 33)
dBc
Downstream
VO = 0.6 VRMS,
144 kHz to 1.1 MHz
−70
(see Figure 33)
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 0 V
−2
+2
−1.2
+0.2
+1.2
mV
TC VOS Input Offset Average Drift
VCM = 0 V
(4)
−2.5
μV/°C
IOS
Input Offset Current
VCM = 0V
−1.5
1.5
−1
−0.04
1
μA
IB
Input Bias Current
VCM = 0V
15
4.7
10
μA
RIN
Input Resistance
Common Mode
17
M
Differential Mode
12
k
CIN
Input Capacitance
Common Mode
0.9
pF
Differential Mode
1.0
pF
CMVR
Input Common Mode
CMRR
≥ 60dB
−4.75
−4.5
V
Voltage Range
5.5
+5.7
CMRR
Common-Mode Rejection
Input Referred,
dB
75
80
100
Ratio
VCM = −4.2 V to +5.2 V
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Slew rate is the slowest of the rising and falling slew rates.
(4)
Offset voltage average drift is determined by dividing the change in VOS at temperature extremes into the total temperature change.
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6622


Similar Part No. - LMH6622MDC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6622MA NSC-LMH6622MA Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
LMH6622MAX NSC-LMH6622MAX Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
LMH6622MM NSC-LMH6622MM Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
LMH6622MMX NSC-LMH6622MMX Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
More results

Similar Description - LMH6622MDC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6622 NSC-LMH6622 Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
   Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
December 1997
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_10 Datasheet
488Kb / 14P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
AZ4580 ETC-AZ4580 Datasheet
234Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com