Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6583 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6583
Description  LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6583 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6583 Datasheet HTML 5Page - Texas Instruments LMH6583 Datasheet HTML 6Page - Texas Instruments LMH6583 Datasheet HTML 7Page - Texas Instruments LMH6583 Datasheet HTML 8Page - Texas Instruments LMH6583 Datasheet HTML 9Page - Texas Instruments LMH6583 Datasheet HTML 10Page - Texas Instruments LMH6583 Datasheet HTML 11Page - Texas Instruments LMH6583 Datasheet HTML 12Page - Texas Instruments LMH6583 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1.5
1.75
2
2.25
2.75
3
3.25
3.5
3.75
INPUT VOLTAGE (V)
25°C
-40°C
100°C
VS = ±5V
100: LOAD
-2.25
-2
-1.75
-1.5
-3.75
-3.5
-3.25
-3
-2.75
INPUT VOLTAGE (V)
25°C
-40°C
VS = ±5V
100: LOAD
100°C
-3
-2
-1
0
1
2
3
INPUT VOLTAGE (V)
-4
-3
-2
-1
0
1
2
3
4
VS = ±5V
NO LOAD
1
10
100
-95
-90
-85
-80
-75
-70
-65
-60
-55
FREQUENCY (MHz)
VS = ±3.3V
RL = 100:
VOUT = 3V
VOUT = 2V
VOUT = 0.25V
1
10
100
-95
-90
-85
-80
-75
-70
-65
-60
-55
FREQUENCY (MHz)
VS = ±5V
RL = 100:
VOUT = 4V
VOUT = 2V
VOUT = 0.25V
1
10
100
-95
-90
-85
-80
-75
-70
-65
-60
-55
FREQUENCY (MHz)
VS = ±3.3V
RL = 100:
VOUT = 3V
VOUT = 2V
VOUT = 0.25V
LMH6583
www.ti.com
SNOSAP5E – APRIL 2006 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Third Order Distortion (HD3)
Second Order Distortion
vs.
vs.
Frequency
Frequency
Figure 21.
Figure 22.
Third Order Distortion
vs.
Frequency
No Load Output Swing
Figure 23.
Figure 24.
Positive Swing over Temperature
Negative Swing Over Temperature
Figure 25.
Figure 26.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6583


Similar Part No. - LMH6583

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6583 NSC-LMH6583 Datasheet
538Kb / 8P
   16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
LMH6583 NSC-LMH6583 Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
logo
Texas Instruments
LMH6583 TI1-LMH6583 Datasheet
369Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
logo
National Semiconductor ...
LMH6583YA NSC-LMH6583YA Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
LMH6583_0708 NSC-LMH6583_0708 Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
More results

Similar Description - LMH6583

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6583 TI1-LMH6583_14 Datasheet
369Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
logo
National Semiconductor ...
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
   16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
LMH6583_0708 NSC-LMH6583_0708 Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
LMH6582_0708 NSC-LMH6582_0708 Datasheet
473Kb / 16P
   16x8 550MHz Analog Crosspoint Switch, Gain of 1
logo
Texas Instruments
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
[Old version datasheet]   8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
logo
National Semiconductor ...
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
   8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
LMH6584 NSC-LMH6584 Datasheet
492Kb / 20P
   32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6584 TI1-LMH6584_14 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
LMH6584 TI1-LMH6584 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Analog Devices
AD8112 AD-AD8112_15 Datasheet
1Mb / 28P
   Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com