Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1561 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # ISP1561
Description  ISP1561BM
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1561 Datasheet(HTML) 3 Page - NXP Semiconductors

  ISP1561 Datasheet HTML 1Page - NXP Semiconductors ISP1561 Datasheet HTML 2Page - NXP Semiconductors ISP1561 Datasheet HTML 3Page - NXP Semiconductors ISP1561 Datasheet HTML 4Page - NXP Semiconductors ISP1561 Datasheet HTML 5Page - NXP Semiconductors ISP1561 Datasheet HTML 6Page - NXP Semiconductors ISP1561 Datasheet HTML 7Page - NXP Semiconductors ISP1561 Datasheet HTML 8Page - NXP Semiconductors ISP1561 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 102 page
background image
Philips Semiconductors
ISP1561
USB PCI host controller
Product data
Rev. 01 — 06 February 2003
3 of 102
9397 750 10015
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
2.
Features
s Complies with Universal Serial Bus Specification Rev. 2.0
s Supports data transfer at high-speed (480 Mbit/s), full-speed (12 Mbit/s) and
low-speed (1.5 Mbit/s)
s Two Original USB OHCI cores comply with Open Host Controller Interface
Specification for USB Rev. 1.0a
s One Hi-Speed USB EHCI core complies with Enhanced Host Controller Interface
Specification for Universal Serial Bus Rev. 0.95
s Supports PCI 32-bit, 33 MHz interface compliant with PCI Local Bus Specification
Rev. 2.2 with support for the D3cold standby and wake-up modes; all I/O pins are
3.3 V standard, but 5 V-tolerant
s Compliant with PCI Bus Power Management Interface Specification Rev. 1.1 for
all hosts (EHCI and OHCI), and supports all power states
: D0, D1, D2, D3
hot and
D3cold
s Four downstream ports with support for three types of downstream port indicator
LEDs
: GoodLink™, amber and green LEDs
s CLKRUN support for mobile applications, such as internal notebook design
s Configurable subsystem ID and subsystem Vendor ID through external EEPROM
s Configurable two or four port root hub
s Digital and analog power separation
s Supports hot Plug and Play and remote wake-up of peripherals
s Supports individual power switching and individual overcurrent protection for
downstream ports
s Supports partial dynamic port-routing capability for downstream ports that allows
sharing of the same physical downstream ports between the Original USB Host
Controller and the Hi-Speed USB Host Controller
s Supports legacy PS/2 keyboards and mice
s Uses 12 MHz crystal oscillator to reduce system cost and EMI emissions
s Operates at +3.3 V power supply input
s Full industrial operating temperature range from
−40 to +85 °C
s Full-scan design with high fault coverage (93% to 95%) ensures high quality
s LQFP128 package available.
3.
Applications
s PC motherboard
s Notebook
s PCI add-on card
s Set-Top Box (STB)
s Web appliance.


Similar Part No. - ISP1561

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1562 PHILIPS-ISP1562 Datasheet
442Kb / 98P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
ISP1562 NXP-ISP1562 Datasheet
452Kb / 94P
   Hi-Speed USB PCI host controller
Rev. 03-14 November 2008
ISP1562BE PHILIPS-ISP1562BE Datasheet
442Kb / 98P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
ISP1562BE NXP-ISP1562BE Datasheet
452Kb / 94P
   Hi-Speed USB PCI host controller
Rev. 03-14 November 2008
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com