Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6570 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6570
Description  LMH6570 2:1 High Speed Video Multiplexer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6570 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6570 Datasheet HTML 4Page - Texas Instruments LMH6570 Datasheet HTML 5Page - Texas Instruments LMH6570 Datasheet HTML 6Page - Texas Instruments LMH6570 Datasheet HTML 7Page - Texas Instruments LMH6570 Datasheet HTML 8Page - Texas Instruments LMH6570 Datasheet HTML 9Page - Texas Instruments LMH6570 Datasheet HTML 10Page - Texas Instruments LMH6570 Datasheet HTML 11Page - Texas Instruments LMH6570 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
1
2
3
4
5
6
7
8
9
10
0
200
400
600
800
1000
1200
1400
1600
GAIN (V/V)
0
2
4
6
8
10 12 14 16 18 20
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
TIME (ns)
VS = ±5V
1
10
100
1000
FREQUENCY (MHz)
-10
-8
-6
-4
-2
0
2
CL = 100 pF, ROUT = 19:
VOUT = 1 VPP
CL || 1 k:
VS = ±5V
AV = 2 (V/V)
CL = 56 pF, ROUT = 24:
CL = 18 pF, ROUT = 48:
CL = 8.6 pF, ROUT = 63:
1
10
100
1000
CAPACTIVE LOAD (pF)
0
10
20
30
40
50
60
70
80
90
VS = ±5V
LOAD = 1 k:|| CL
10
100
1000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VS = ±5V
AV = 2V/V
VOUT = 0.5 VPP
VOUT = 1 VPP
VOUT = 2 VPP
VOUT = 4 VPP
10
100
1000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VS = ±5V
VOUT = 2 VPP
AV = 1, RF = 1.5 k:
AV = 2, RF = 575:
AV = 6, RF = 300:
AV = 10, RF = 180:
LMH6570
SNCS104D – APRIL 2005 – REVISED DECEMBER 2014
www.ti.com
6.7 Typical Performance Characteristics
Vs = ±5 V, RL = 100 Ω, AV = 2, RF = RG = 576 Ω, unless otherwise specified.
Figure 1. Frequency Response vs. VOUT
Figure 2. Frequency Response vs. Gain
Figure 4. Suggested ROUT vs. Capacitive Load
Figure 3. Frequency Response vs. Capacitive Load
Figure 5. Suggested Value of RF vs. Gain
Figure 6. Pulse Response 4VPP
8
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LMH6570


Similar Part No. - LMH6570

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
LMH6570MA NSC-LMH6570MA Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
LMH6570MAX NSC-LMH6570MAX Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
More results

Similar Description - LMH6570

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
   Triple 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
[Old version datasheet]   LMH6572 Triple 2:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
   Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com