Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS26LV32AT Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. DS26LV32AT
Description  3V Enhanced CMOS Quad Differential Line Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26LV32AT Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS26LV32AT Datasheet HTML 2Page - National Semiconductor (TI) DS26LV32AT Datasheet HTML 3Page - National Semiconductor (TI) DS26LV32AT Datasheet HTML 4Page - National Semiconductor (TI) DS26LV32AT Datasheet HTML 5Page - National Semiconductor (TI) DS26LV32AT Datasheet HTML 6Page - National Semiconductor (TI) DS26LV32AT Datasheet HTML 7Page - National Semiconductor (TI) DS26LV32AT Datasheet HTML 8Page - National Semiconductor (TI) DS26LV32AT Datasheet HTML 9Page - National Semiconductor (TI) DS26LV32AT Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Typical Application Information
General application guidelines and hints for differential driv-
ers and receivers may be found in the following application
notes:
AN-214, AN-457, AN-805, AN-847, AN-903, AN-912, AN-916
Power Decoupling Recommendations:
Bypass caps must be used on power pins. High frequency
ceramic (surface mount is recommended) 0.1 µF in parallel
with 0.01 µF at the power supply pin. A 10 µF or greater solid
tantalum or electrolytic should be connected at the power
entry point on the printed circuit board.
DS012908-6
RT is optional although highly recommended to reduce reflection
DS012908-7
FIGURE 5. Typical Receiver Connections
DS012908-8
FIGURE 6. Typical Receiver Output Waveforms
DS012908-9
FIGURE 7. Typical Receiver Input Circuit
www.national.com
6


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DS34LV86T 3V Enhanced CMOS Quad Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS34C86T Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
ST26C32 QUAD RS-422 RS-423 CMOS Differential Line Receiver 1  2  3  4  5  More Exar Corporation
DS34LV87T Enhanced CMOS Quad Differential Line Driver 1  2  3  4  5  More National Semiconductor (TI)
DS90LV032A 3V LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
ST34C86 CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER 1  2  3  4  5  More STMicroelectronics
MNDS90C032-X-RH LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90C032 LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
ST26C32A CMOS quad tri-state differential line receiver 1  2  3  4  5  More STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn