Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS26LV32AT Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. DS26LV32AT
Description  3V Enhanced CMOS Quad Differential Line Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26LV32AT Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS26LV32AT Datasheet HTML 1Page - National Semiconductor (TI) DS26LV32AT Datasheet HTML 2Page - National Semiconductor (TI) DS26LV32AT Datasheet HTML 3Page - National Semiconductor (TI) DS26LV32AT Datasheet HTML 4Page - National Semiconductor (TI) DS26LV32AT Datasheet HTML 5Page - National Semiconductor (TI) DS26LV32AT Datasheet HTML 6Page - National Semiconductor (TI) DS26LV32AT Datasheet HTML 7Page - National Semiconductor (TI) DS26LV32AT Datasheet HTML 8Page - National Semiconductor (TI) DS26LV32AT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (Notes 2, 3) (Continued)
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified.
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
I
EN
Input Current
V
IN =0VtoVCC
EN,
EN*
±1µA
V
OH
High Level Output Voltage
I
OH = −6 mA, VID = +1V
RO
2.4
3
V
I
OH = −6 mA, VID = OPEN
V
OH
High Level Output Voltage
I
OH = −100 µA, VID = +1V
V
CC −0.1
V
I
OH = − 100 µA, VID = OPEN
V
OL
Low Level Output Voltage
I
OL = +6 mA, VID = −1V
0.13
0.5
V
I
OZ
Output TRI-STATE Leakage
V
OUT =VCC or GND
±50
µA
Current
EN = V
IL,EN*=VIH
I
SC
Output Short Circuit Current
V
O = 0V, VID ≥ |200 mV| (Note 4)
−10
−35
−70
mA
I
CC
Power Supply Current
No Load, All
RI+, R1− =
OPEN, EN,
EN*=V
CC or
GND
T
A = -40˚C to
+85˚C
V
CC
915
mA
T
A = -55˚C to
+125˚C
20
mA
Switching Characteristics - Industrial (Notes 3, 7, 10, 11)
Over Supply Voltage and -40˚C to +85˚C Operating Temperature range, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PHL
Propagation Delay
C
L = 15 pF, VCM = 1.5V
(
Figures 1, 2 )
6
17.5
35
ns
High to Low
t
PLH
Propagation Delay
6
17.8
35
ns
Low to High
t
r
Rise Time (20% to 80%)
4.1
10
ns
t
f
Fall Time (80% to 20%)
3.3
10
ns
t
PHZ
Disable Time
C
L = 50 pF, VCM = 1.5V
(
Figures 3, 4 )
40
ns
t
PLZ
Disable Time
40
ns
t
PZH
Enable Time
40
ns
t
PZL
Enable Time
40
ns
t
SK1
Skew, |t
PHL −tPLH| (Note 5)
C
L = 15 pF, VCM = 1.5V
0.3
4
ns
t
SK2
Skew, Pin to Pin (Note 6)
0.6
4
ns
t
SK3
Skew, Part to Part (Note 7)
7
17
ns
f
MAX
Maximum Operating
Frequency (Note 8)
C
L = 15 pF, VCM = 1.5V
32
MHz
www.national.com
3


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DS34LV86T 3V Enhanced CMOS Quad Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS34C86T Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
ST26C32 QUAD RS-422 RS-423 CMOS Differential Line Receiver 1  2  3  4  5  More Exar Corporation
DS34LV87T Enhanced CMOS Quad Differential Line Driver 1  2  3  4  5  More National Semiconductor (TI)
DS90LV032A 3V LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
ST34C86 CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER 1  2  3  4  5  More STMicroelectronics
MNDS90C032-X-RH LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90C032 LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
ST26C32A CMOS quad tri-state differential line receiver 1  2  3  4  5  More STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn