Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV344-N Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV344-N
Description  Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV344-N Datasheet(HTML) 2 Page - Texas Instruments

  LMV344-N Datasheet HTML 1Page - Texas Instruments LMV344-N Datasheet HTML 2Page - Texas Instruments LMV344-N Datasheet HTML 3Page - Texas Instruments LMV344-N Datasheet HTML 4Page - Texas Instruments LMV344-N Datasheet HTML 5Page - Texas Instruments LMV344-N Datasheet HTML 6Page - Texas Instruments LMV344-N Datasheet HTML 7Page - Texas Instruments LMV344-N Datasheet HTML 8Page - Texas Instruments LMV344-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
LMV341-N, LMV342-N, LMV344-N
SNOS990H – APRIL 2002 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LMV341-N LMV342-N LMV344-N
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics – 2.7 V (DC) ..................... 6
6.6
Electrical Characteristics – 2.7 V (AC)...................... 7
6.7
Electrical Characteristics – 5 V (DC) ........................ 7
6.8
Electrical Characteristics – 5 V (AC)......................... 8
6.9
Typical Characteristics .............................................. 9
7
Detailed Description ............................................ 16
7.1
Overview ................................................................. 16
7.2
Functional Block Diagram ....................................... 16
7.3
Feature Description................................................. 16
7.4
Device Functional Modes........................................ 16
8
Application and Implementation ........................ 18
8.1
Application Information............................................ 18
8.2
Typical Application .................................................. 18
9
Power Supply Recommendations ...................... 19
10
Layout................................................................... 20
10.1
Layout Guidelines ................................................. 20
10.2
Layout Example .................................................... 20
11
Device and Documentation Support ................. 21
11.1
Device Support...................................................... 21
11.2
Documentation Support ........................................ 21
11.3
Related Links ........................................................ 21
11.4
Receiving Notification of Documentation Updates 21
11.5
Community Resources.......................................... 21
11.6
Trademarks ........................................................... 21
11.7
Electrostatic Discharge Caution ............................ 21
11.8
Glossary ................................................................ 22
12
Mechanical, Packaging, and Orderable
Information ........................................................... 22
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (March 2013) to Revision H
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
Changed Thermal Information table ....................................................................................................................................... 5
Changes from Revision F (March 2012) to Revision G
Page
Changed layout of National Data Sheet to TI format ............................................................................................................. 1


Similar Part No. - LMV344-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV344-Q1 TI-LMV344-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - LMV344-N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
AD8594 AD-AD8594_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8594 AD-AD8594 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8591 AD-AD8591_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
logo
List of Unclassifed Man...
APC207 ETC-APC207 Datasheet
151Kb / 12P
   Rail to Rail Output CMOS Single Operating Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com