Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV1090 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMV1090
Description  LMV1090 Dual Input, Far Field Noise Suppression Microphone Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV1090 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV1090 Datasheet HTML 2Page - Texas Instruments LMV1090 Datasheet HTML 3Page - Texas Instruments LMV1090 Datasheet HTML 4Page - Texas Instruments LMV1090 Datasheet HTML 5Page - Texas Instruments LMV1090 Datasheet HTML 6Page - Texas Instruments LMV1090 Datasheet HTML 7Page - Texas Instruments LMV1090 Datasheet HTML 8Page - Texas Instruments LMV1090 Datasheet HTML 9Page - Texas Instruments LMV1090 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LMV1090
SNAS472I – MAY 2009 – REVISED MAY 2013
www.ti.com
Electrical Characteristics 3.3V
(1)(2) (continued)
Unless otherwise specified, all limits specified for TA = 25°C, VDD = 3.3V, VIN = 18mVP-P, f = 1kHz, EN = VDD, Pre Amp gain =
20dB, Post Amp gain = 6dB, RL = 100kΩ, and CL = 4.7pF, f = 1kHz pass through mode.
LMV1090
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)
Differential Out+, Out-
Maximum AC Output Voltage
1.2
1.1
VRMS (min)
THD+N < 1%
VOUT
DC Level at Outputs
Out+, Out-
820
mV
THD+N
Total Harmonic Distortion + Noise
Differential Out+ and Out-
0.1
0.2
% (max)
ZIN
Input Impedance
142
k
ZOUT
Output Impedance (Differential)
220
RLOAD
10
k
Ω (min)
ZLOAD
Load Impedance (Out+, Out-)(5)
CLOAD
100
pF (max)
minimum
6
dB
AM
Microphone Preamplifier Gain Range
maximum
36
dB
Microphone Preamplifier Gain
1.7
dB (min)
AMR
2
Adjustment Resolution
2.3
dB (max)
minimum
6
dB
AP
Post Amplifier Gain Range
maximum
18
dB
2.6
dB (min)
APR
Post Amplifier Gain Resolution
3
3.4
dB (max)
f = 1kHz (See Test Methods)
34
26
dB
FFNSE
Far Field Noise Suppression Electrical
f = 300Hz (See Test Methods)
42
dB
Signal-to-Noise Ratio Improvement
f = 1kHz (See Test Methods)
26
18
dB
SNRIE
Electrical
f = 300Hz (See Test Methods)
33
dB
Input Referred, Input AC grounded
PSRR
Power Supply Rejection Ratio
fRIPPLE = 217Hz (VRIPPLE = 100mVP-P)
99
85
dB (min)
fRIPPLE = 1kHz (VRIPPLE = 100mVP-P)
95
80
dB (min)
CMRR
Common Mode Rejection Ratio
input referred
60
dB
1.85
V (min)
VBM
Microphone Bias Supply Voltage
IBIAS = 1.2mA
2.0
2.15
V (max)
eVBM
Mic bias noise voltage on VREF pin
A-Weighted, CB = 10nF
7
μVRMS
IDDQ
Supply Quiescent Current
VIN = 0V
0.60
0.80
mA (max)
VIN = 25mVP-P both inputs
IDD
Supply Current
0.60
mA
Noise cancelling mode
ISD
Shut Down Current
EN pin = GND
0.1
0.7
μA (max)
IDDI
2C
I2C supply current
I2C Idle Mode
25
100
nA (max)
TON
Turn-On Time(6)
40
ms (max)
TOFF
Turn-Off Time(6)
60
ms (max)
(5)
Ensured by design.
(6)
Ensured by design.
6
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LMV1090


Similar Part No. - LMV1090

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1090 NSC-LMV1090 Datasheet
752Kb / 24P
   Dual Input, Far Field Noise Suppression Microphone Amplifier
LMV1090TL NSC-LMV1090TL Datasheet
752Kb / 24P
   Dual Input, Far Field Noise Suppression Microphone Amplifier
LMV1090TLX NSC-LMV1090TLX Datasheet
752Kb / 24P
   Dual Input, Far Field Noise Suppression Microphone Amplifier
More results

Similar Description - LMV1090

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1091 NSC-LMV1091 Datasheet
859Kb / 20P
   Dual Input, Far Field Noise Suppression Microphone Amplifier
LMV1090 NSC-LMV1090 Datasheet
752Kb / 24P
   Dual Input, Far Field Noise Suppression Microphone Amplifier
logo
Texas Instruments
LMV1091 TI1-LMV1091 Datasheet
805Kb / 22P
[Old version datasheet]   Dual Input, Far Field Noise Suppression Microphone Amplifier
logo
National Semiconductor ...
LMV1088 NSC-LMV1088 Datasheet
1Mb / 22P
   Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Ability
logo
Texas Instruments
LMV1089 TI1-LMV1089 Datasheet
1Mb / 37P
[Old version datasheet]   Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Capability
logo
National Semiconductor ...
LMV1089 NSC-LMV1089 Datasheet
1Mb / 32P
   Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Capability
LMV1088 NSC-LMV1088_08 Datasheet
1Mb / 26P
   Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Ability
logo
Texas Instruments
LMV1088 TI1-LMV1088 Datasheet
1Mb / 30P
[Old version datasheet]   LMV1088 Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Ability
LMV1099 TI1-LMV1099 Datasheet
720Kb / 26P
[Old version datasheet]   Uplink Far Field Noise Suppression & Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
LMV1099 TI1-LMV1099_15 Datasheet
940Kb / 27P
[Old version datasheet]   LMV1099 Uplink Far Field Noise Suppression and Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com