Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV1031 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMV1031
Description  LMV1031-20 Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV1031 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV1031_15 Datasheet HTML 4Page - Texas Instruments LMV1031_15 Datasheet HTML 5Page - Texas Instruments LMV1031_15 Datasheet HTML 6Page - Texas Instruments LMV1031_15 Datasheet HTML 7Page - Texas Instruments LMV1031_15 Datasheet HTML 8Page - Texas Instruments LMV1031_15 Datasheet HTML 9Page - Texas Instruments LMV1031_15 Datasheet HTML 10Page - Texas Instruments LMV1031_15 Datasheet HTML 11Page - Texas Instruments LMV1031_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ABSOLUTE
SOUND
PRESSURE
[dBPa]
-94dB
SENSITIVITY
[dBV/Pa]
SOUND
PRESSURE
[dB SPL]
VOLTAGE
[dBV]
A-WEIGHTED FILTER
5pF
LMV1031
SNOSAP8B – SEPTEMBER 2005 – REVISED MAY 2013
www.ti.com
MEASURING NOISE AND SNR
The overall noise of the LMV1031 is measured within the frequency band from 10 Hz to 22 kHz using an A-
weighted filter. The input of the LMV1031 is connected to ground with a 5 pF capacitor.
Figure 14. Noise Measurement Setup
The signal-to-noise ratio (SNR) is measured with a 1 kHz input signal of 18 mVPP using an A-weighted filter. This
represents a sound pressure level of 94 dB with a standard ECM sensitivity. No input capacitor is connected.
SOUND PRESSURE LEVEL
The volume of sound applied to a microphone is commonly stated as the pressure level with respect to the
threshold of hearing of the human ear. This sound pressure level (SPL) in decibels is defined by:
Sound pressure level (dB) = 20 log Pm/PO
where
Pm is the measured sound pressure
PO is the threshold of hearing (20 µPa)
In order to be able to calculate the resulting output voltage of the microphone for a given SPL, the sound
pressure in dB SPL needs to be converted to the absolute sound pressure in dBPa. This is the sound pressure
level in decibels which is referred to 1 Pascal (Pa).
The conversion is given by:
dBPa = dB SPL + 20*log 20 µPa
dBPa = dB SPL - 94 dB
Translation from absolute sound pressure level to a voltage is specified by the sensitivity of the microphone. A
conventional microphone has a sensitivity of
−44 dBV/Pa.
Figure 15. dB SPL to dBV Conversion
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMV1031


Similar Part No. - LMV1031_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1031-20 NSC-LMV1031-20 Datasheet
690Kb / 10P
   Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LMV1031UR-20 NSC-LMV1031UR-20 Datasheet
690Kb / 10P
   Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
logo
Texas Instruments
LMV1031UR-20 TI1-LMV1031UR-20 Datasheet
726Kb / 12P
[Old version datasheet]   Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
logo
National Semiconductor ...
LMV1031URX-20 NSC-LMV1031URX-20 Datasheet
690Kb / 10P
   Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
logo
Texas Instruments
LMV1031URX-20 TI1-LMV1031URX-20 Datasheet
726Kb / 12P
[Old version datasheet]   Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
More results

Similar Description - LMV1031_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1031-20 NSC-LMV1031-20 Datasheet
690Kb / 10P
   Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
logo
Texas Instruments
LMV1031 TI1-LMV1031 Datasheet
726Kb / 12P
[Old version datasheet]   Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
[Old version datasheet]   AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
LMV1032 TI1-LMV1032 Datasheet
840Kb / 14P
[Old version datasheet]   Amplifiers for 3-Wire Analog Electret Microphones
logo
National Semiconductor ...
LMV1032-06 NSC-LMV1032-06 Datasheet
793Kb / 12P
   Amplifiers for 3 Wire Analog Electret Microphones
LMV1032-06_0511 NSC-LMV1032-06_0511 Datasheet
802Kb / 12P
   Amplifiers for 3-Wire Analog Electret Microphones
logo
Texas Instruments
LMV1032 TI1-LMV1032_15 Datasheet
960Kb / 18P
[Old version datasheet]   LMV1032-25 Amplifiers for 3-Wire Analog Electret Microphones
TLV1012 TI-TLV1012_10 Datasheet
252Kb / 12P
[Old version datasheet]   AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
logo
Maxim Integrated Produc...
MAX11300PMB1 MAXIM-MAX11300PMB1 Datasheet
14Mb / 9P
   Internal or External Reference for ADC and DAC
Rev 2; 6/14
logo
Texas Instruments
LMV1012 TI1-LMV1012 Datasheet
1Mb / 21P
[Old version datasheet]   LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com