Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV611MG/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMV611MG/NOPB
Description  LMV61x Single, Dual, and Quad, 1.4-MHz, Low-Power, General-Purpose 1.8-V Operational Amplifiers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV611MG/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV611MG/NOPB Datasheet HTML 5Page - Texas Instruments LMV611MG/NOPB Datasheet HTML 6Page - Texas Instruments LMV611MG/NOPB Datasheet HTML 7Page - Texas Instruments LMV611MG/NOPB Datasheet HTML 8Page - Texas Instruments LMV611MG/NOPB Datasheet HTML 9Page - Texas Instruments LMV611MG/NOPB Datasheet HTML 10Page - Texas Instruments LMV611MG/NOPB Datasheet HTML 11Page - Texas Instruments LMV611MG/NOPB Datasheet HTML 12Page - Texas Instruments LMV611MG/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9
LMV611, LMV612, LMV614
www.ti.com
SNOSC69C – APRIL 2012 – REVISED JULY 2016
Product Folder Links: LMV611 LMV612 LMV614
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
Electrical characteristics values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in
very limited self-heating of the device such that TJ = TA. No assurance of parametric performance is indicated in the electrical tables
under conditions of internal self-heating where TJ > TA. See Application and Implementation for information of temperature derating of
the device. Absolute Maximum Ratings indicated junction temperature limits beyond which the device may be permanently degraded,
either mechanically or electrically.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and also depends on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
For specified temperature ranges, see Input common mode voltage specifications.
(5)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of 45 mA over long term may adversely
affect reliability.
6.9 Electrical Characteristics – 5 V (DC)
All limits ensured for TJ = 25°C, V
+ = 5 V, V = 0 V, V
CM = V
+/ 2, V
O = V
+/ 2, and R
L > 1 MΩ (unless otherwise noted).
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
VOS
Input offset voltage
LMV611 (single)
1
4
mV
LMV612 (dual) and
LMV614 (quad)
1
5.5
TCVOS
Input offset voltage average drift
5.5
µV/°C
IB
Input bias current
14
35
nA
IOS
Input offset current
9
nA
IS
Supply current (per channel)
116
210
µA
CMRR
Common-mode rejection ratio
0 V
≤ VCM ≤ 3.8 V,
4.6 V
≤ VCM ≤ 5 V
(4)
60
86
dB
–0.2 V
≤ VCM ≤ 0 V
5 V
≤ VCM ≤ 5.2 V
50
78
PSRR
Power supply rejection ratio
1.8 V
≤ V+ ≤ 5 V,
VCM = 0.5 V
100
dB
CMVR
Input common-mode voltage
For CMRR range
≥ 50 dB
V, TA = 25°C
V– 0.2
–0.2
V
V+, TA = 25°C
5.3
V+ + 0.2
TA = –40°C to
85°C
V
V+
TA = 125°C
V+ 0.3
V+ – 0.3
AV
Large signal voltage gain
LMV611 (single)
RL = 600 Ω to 2.5 V,
VO = 0.2 V to 4.8 V
88
102
dB
RL = 2 kΩ to 2.5 V,
VO = 0.2 V to 4.8 V
94
113
Large signal voltage gain
LMV612 (dual) and
LMV614 (quad)
RL = 600 Ω to 2.5 V,
VO = 0.2 V to 4.8 V
81
90
RL = 2 kΩ to 2.5 V,
VO = 0.2 V to 4.8 V
85
100
VO
Output swing
RL = 600 Ω to 2.5 V
4.855
4.89
V
VIN = ±100 mV
0.12
0.16
RL = 2 kΩ to 2.5 V
4.945
4.967
VIN = ±100 mV
0.037
0.065
IO
Output short-circuit current(5)
LMV611, Sourcing, VO = 0 V,
VIN = 100 mV
100
mA
Sinking, VO = 5 V,
VIN = –100 mV
65


Similar Part No. - LMV611MG/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV611MG TI1-LMV611MG Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
logo
National Semiconductor ...
LMV611MGNOPB NSC-LMV611MGNOPB Datasheet
1Mb / 28P
   Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV611MGX TI1-LMV611MGX Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
logo
National Semiconductor ...
LMV611MGXNOPB NSC-LMV611MGXNOPB Datasheet
1Mb / 28P
   Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
More results

Similar Description - LMV611MG/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV611 NSC-LMV611 Datasheet
1Mb / 28P
   Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV611 TI-LMV611_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMV611 Single/LMV612 Dual/LMV614 Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV612 TI1-LMV612 Datasheet
1Mb / 28P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI1-LMV611 Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Texas Instruments
LMV602 TI1-LMV602 Datasheet
1Mb / 28P
[Old version datasheet]   MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV921 TI1-LMV921 Datasheet
824Kb / 23P
[Old version datasheet]   Single, Dual and Quad 1.8V, 1MHz, Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com