Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMV611 Datasheet(PDF) 15 Page - Texas Instruments

Part No. LMV611
Description  LMV61x Single, Dual, and Quad, 1.4-MHz, Low-Power, General-Purpose 1.8-V Operational Amplifiers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV611 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMV611_16 Datasheet HTML 11Page - Texas Instruments LMV611_16 Datasheet HTML 12Page - Texas Instruments LMV611_16 Datasheet HTML 13Page - Texas Instruments LMV611_16 Datasheet HTML 14Page - Texas Instruments LMV611_16 Datasheet HTML 15Page - Texas Instruments LMV611_16 Datasheet HTML 16Page - Texas Instruments LMV611_16 Datasheet HTML 17Page - Texas Instruments LMV611_16 Datasheet HTML 18Page - Texas Instruments LMV611_16 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
-0.4
0.6
1.6
2.6
3.6
4.6
5.6
VCM (V)
-1
-0.5
0
0.5
1
1.5
2
2.5
3
VS = 5V
125°C
85°C
25°C
-40°C
-0.4
0
0.4
0.8
1.2
1.6
2
2.4
-1
-0.5
0
0.5
1
1.5
2
2.5
3
VCM (V)
VS = 1.8V
125°C
25°C
85°C
-40°C
-0.4
0.1
0.6
1.1
1.6
2.1
2.6
3.1
-1
-0.5
0
0.5
1
1.5
2
2.5
3
VCM (V)
VS = 2.7V
125°C
25°C
85°C
-40°C
15
LMV611, LMV612, LMV614
www.ti.com
SNOSC69C – APRIL 2012 – REVISED JULY 2016
Product Folder Links: LMV611 LMV612 LMV614
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VS = 5 V, single supply, TA = 25°C (unless otherwise noted)
Figure 25. Offset Voltage vs Common-Mode Range
Figure 26. Offset Voltage vs Common-Mode Range
Figure 27. Offset Voltage vs Common-Mode Range


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn