Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV611 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV611
Description  LMV61x Single, Dual, and Quad, 1.4-MHz, Low-Power, General-Purpose 1.8-V Operational Amplifiers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV611 Datasheet(HTML) 3 Page - Texas Instruments

  LMV611_16 Datasheet HTML 1Page - Texas Instruments LMV611_16 Datasheet HTML 2Page - Texas Instruments LMV611_16 Datasheet HTML 3Page - Texas Instruments LMV611_16 Datasheet HTML 4Page - Texas Instruments LMV611_16 Datasheet HTML 5Page - Texas Instruments LMV611_16 Datasheet HTML 6Page - Texas Instruments LMV611_16 Datasheet HTML 7Page - Texas Instruments LMV611_16 Datasheet HTML 8Page - Texas Instruments LMV611_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
OUT B
1
2
3
4
5
6
7
8
OUT A
-IN A
+IN A
V
-
V
+
-IN B
+IN B
-
+
+
-
A
B
+IN
V±
±IN
1
2
3
4
5
V
+
OUTPUT
±
+
3
LMV611, LMV612, LMV614
www.ti.com
SNOSC69C – APRIL 2012 – REVISED JULY 2016
Product Folder Links: LMV611 LMV612 LMV614
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
I = Input, O = Output, and P = Power
5 Pin Configuration and Functions
DCK and DBV Packages
5-Pin SC70 and SOT-23
Top View
Pin Functions – LMV611
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
+IN
I
Noninverting input
2
V
P
Negative supply input
3
–IN
I
Inverting input
4
OUTPUT
O
Output
5
V+
P
Positive supply input
(1)
I = Input, O = Output, and P = Power
DGK and D Packages
8-Pin VSSOP and SOIC
Top View
Pin Functions – LMV612
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
OUT A
O
Output A
2
–IN A
I
Inverting input A


Similar Part No. - LMV611_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV611 TI-LMV611_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMV611 Single/LMV612 Dual/LMV614 Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
More results

Similar Description - LMV611_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV611 NSC-LMV611 Datasheet
1Mb / 28P
   Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV611 TI-LMV611_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMV611 Single/LMV612 Dual/LMV614 Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV612 TI1-LMV612 Datasheet
1Mb / 28P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI1-LMV611 Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Texas Instruments
LMV602 TI1-LMV602 Datasheet
1Mb / 28P
[Old version datasheet]   MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV921 TI1-LMV921 Datasheet
824Kb / 23P
[Old version datasheet]   Single, Dual and Quad 1.8V, 1MHz, Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com