Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMS1585ACSX-3.3 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMS1585ACSX-3.3
Description  LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMS1585ACSX-3.3 Datasheet(HTML) 2 Page - Texas Instruments

  LMS1585ACSX-3.3 Datasheet HTML 1Page - Texas Instruments LMS1585ACSX-3.3 Datasheet HTML 2Page - Texas Instruments LMS1585ACSX-3.3 Datasheet HTML 3Page - Texas Instruments LMS1585ACSX-3.3 Datasheet HTML 4Page - Texas Instruments LMS1585ACSX-3.3 Datasheet HTML 5Page - Texas Instruments LMS1585ACSX-3.3 Datasheet HTML 6Page - Texas Instruments LMS1585ACSX-3.3 Datasheet HTML 7Page - Texas Instruments LMS1585ACSX-3.3 Datasheet HTML 8Page - Texas Instruments LMS1585ACSX-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Thermal
Limit
VIN
VOUT
Substrate
GND (Fixed Output)
tADJ. (Adjustable Output)ttt
LMS1585A , LMS1587
SNVS061G – MONTH 2003 – REVISED JULY 2013
www.ti.com
Table 1. LMS1585A/LMS1587 Device Options
Operating
Part Number
Output Voltage
Package Drawing
Package Type
Output Current
Temperature
LMS1585AIS-1.5
1.5V
-40°C to 125°C
LMS1585AIS-3.3
3.3V
LMS1585ACS-ADJ
Adjustable
KTT
TO-263
5A
LMS1585ACS-1.5
1.5V
LMS1585ACS-3.3
3.3V
0°C to 125°C
LMS1585ACT-1.5
1.5V
NDE
TO-220
5A
LMS1585ACT-3.3
3.3V
LMS1587IS-ADJ
Adjustable
LMS1587IS-1.5
1.5V
–40°C to 125°C
LMS1587IS-3.3
3.3V
KTT
TO-263
LMS1587CS-ADJ
Adjustable
LMS1587CS-3.3
3.3V
0°C to 125°C
3A
LMS1587CS-1.5
1.5V
LMS1587IT-1.5
1.5V
–40°C to 125C
LMS1587CT-ADJ
Adjustable
NDE
TO-220
0°C to 125°C
LMS1587CT-3.3
3.3V
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMS1585A LMS1587


Similar Part No. - LMS1585ACSX-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS1585ACSX-3.3 NSC-LMS1585ACSX-3.3 Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
logo
Texas Instruments
LMS1585ACSX-3.3 TI1-LMS1585ACSX-3.3 Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585ACSX-3.3/NOPB TI1-LMS1585ACSX-3.3/NOPB Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
More results

Similar Description - LMS1585ACSX-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS1587CT-33 TI1-LMS1587CT-33 Datasheet
1Mb / 16P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI-LMS1585A_15 Datasheet
1Mb / 14P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587 TI-LMS1587_15 Datasheet
1Mb / 14P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI1-LMS1585A_17 Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
logo
National Semiconductor ...
LMS1585A NSC-LMS1585A Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
LMS1585AEP NSC-LMS1585AEP Datasheet
128Kb / 7P
   Enhanced Plastic 5A and 3A Low Dropout Fast Response Regulators
logo
Linear Technology
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
TelCom Semiconductor, I...
TCL1584 TELCOM-TCL1584 Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com