Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV221 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV221
Description  LMV221 50-MHz to 3.5-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV221 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV221_16 Datasheet HTML 9Page - Texas Instruments LMV221_16 Datasheet HTML 10Page - Texas Instruments LMV221_16 Datasheet HTML 11Page - Texas Instruments LMV221_16 Datasheet HTML 12Page - Texas Instruments LMV221_16 Datasheet HTML 13Page - Texas Instruments LMV221_16 Datasheet HTML 14Page - Texas Instruments LMV221_16 Datasheet HTML 15Page - Texas Instruments LMV221_16 Datasheet HTML 16Page - Texas Instruments LMV221_16 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
RF INPUT POWER (dBm)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
2.5
2.0
1.5
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-55
-45
-35
-25
-15
-5
5
-40°C
25°C
25°C
85°C
-40°C
85°C
RF INPUT POWER (dBm)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
2.5
2.0
1.5
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-55
-45
-35
-25
-15
-5
5
-40°C
25°C
25°C
85°C
-40°C
85°C
RF INPUT POWER (dBm)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
2.5
2.0
1.5
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-55
-45
-35
-25
-15
-5
5
-40°C
25°C
25°C
85°C
-40°C
85°C
RF INPUT POWER (dBm)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
2.5
2.0
1.5
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-55
-45
-35
-25
-15
-5
5
-40°C
25°C
25°C
85°C
-40°C
85°C
RF INPUT POWER (dBm)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
2.5
2.0
1.5
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-55
-45
-35
-25
-15
-5
5
-40°C
25°C
25°C
85°C
-40°C
85°C
RF INPUT POWER (dBm)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
2.5
2.0
1.5
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-55
-45
-35
-25
-15
-5
5
-40°C
25°C
25°C
85°C
-40°C
85°C
13
LMV221
www.ti.com
SNWS018D – DECEMBER 2006 – REVISED JUNE 2016
Product Folder Links: LMV221
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, VDD = 2.7V, TA = 25°C, measured on a limited number of samples.
50 MHz
Figure 7. Mean Output Voltage and Log Conformance Error
vs RF Input Power
900 MHz
Figure 8. Mean Output Voltage and Log Conformance Error
vs RF Input Power
1855 MHz
Figure 9. Mean Output Voltage and Log Conformance Error
vs RF Input Power
2500 MHz
Figure 10. Mean Output Voltage and Log Conformance Error
vs RF Input Power
3000 MHz
Figure 11. Mean Output Voltage and Log Conformance Error
vs RF Input Power
3500 MHz
Figure 12. Mean Output Voltage and Log Conformance Error
vs RF Input Power


Similar Part No. - LMV221_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV221 TI1-LMV221_14 Datasheet
2Mb / 41P
[Old version datasheet]   50 MHz to 3.5 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
More results

Similar Description - LMV221_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV221 TI1-LMV221_14 Datasheet
2Mb / 41P
[Old version datasheet]   50 MHz to 3.5 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
LMH2100 TI1-LMH2100 Datasheet
1Mb / 49P
[Old version datasheet]   50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMH2100 NSC-LMH2100 Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100_14 Datasheet
2Mb / 43P
[Old version datasheet]   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Analog Devices
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. 0
logo
National Semiconductor ...
LMV225 NSC-LMV225 Datasheet
1Mb / 21P
   RF Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV225 TI1-LMV225 Datasheet
2Mb / 39P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_14 Datasheet
1Mb / 30P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com