Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV221 Datasheet(PDF) 10 Page - Texas Instruments

Part # LMV221
Description  LMV221 50-MHz to 3.5-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV221 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV221_16 Datasheet HTML 6Page - Texas Instruments LMV221_16 Datasheet HTML 7Page - Texas Instruments LMV221_16 Datasheet HTML 8Page - Texas Instruments LMV221_16 Datasheet HTML 9Page - Texas Instruments LMV221_16 Datasheet HTML 10Page - Texas Instruments LMV221_16 Datasheet HTML 11Page - Texas Instruments LMV221_16 Datasheet HTML 12Page - Texas Instruments LMV221_16 Datasheet HTML 13Page - Texas Instruments LMV221_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10
LMV221
SNWS018D – DECEMBER 2006 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LMV221
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
2.7-V DC and AC Electrical Characteristics (continued)
Unless otherwise specified, all limits are ensured at TA = 25°C, VDD = 2.7 V, RF input frequency ƒ = 1855-MHz continuous
wave (CW), modulated.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
ST
Temperature sensitivity(4)
ƒ = 50 MHz, PIN = −10 dBm
–8.3
mdB/°C
ƒ = 50 MHz, –40°C < TA < 25°C
PIN = −10 dBm
(4)
–15.8
–0.75
ƒ = 900 MHz, PIN = −10 dBm
–6
ƒ = 900 MHz, –40°C < TA < 25°C
PIN = −10 dBm
(4)
–14.2
2.2
ƒ = 1855 MHz, PIN = −10 dBm
–7.4
ƒ = 1855 MHz, –40°C < TA < 25°C
PIN = −10 dBm
(4)
–14.9
2
ƒ = 2500 MHz, PIN = −10 dBm
–6.6
ƒ = 2500 MHz, –40°C < TA < 25°C
PIN = −10 dBm
(4)
–14.5
1.3
ƒ = 3000 MHz, PIN = −10 dBm
–4.9
ƒ = 3000 MHz, –40°C < TA < 25°C
PIN = −10 dBm
(4)
–13
3.3
ƒ = 3500 MHz, PIN = −10 dBm
–3.4
ƒ = 3500 MHz, –40°C < TA < 25°C
PIN = −10 dBm
(4)
–12
5.3
ST
Temperature sensitivity(4)
ƒ = 50 MHz, PIN = −10 dBm
–8.9
mdB/°C
ƒ = 50 MHz, 25°C < TA < 85°C
PIN = −10 dBm
(4)
–12.4
–5.3
ƒ = 900 MHz, PIN = −10 dBm
–9.4
ƒ = 900 MHz, 25°C < TA < 85°C
PIN = −10 dBm
(4)
–13.7
–5
ƒ = 1855 MHz, PIN = −10 dBm
–10
ƒ = 1855 MHz, 25°C < TA < 85°C
PIN = −10 dBm
(4)
–14.6
–5.6
ƒ = 2500 MHz, PIN = −10 dBm
–10.8
ƒ = 2500 MHz, 25°C < TA < 85°C
PIN = −10 dBm
(4)
–15.2
–6.5
ƒ = 3000 MHz, PIN = −10 dBm
–12.2
ƒ = 3000 MHz, 25°C < TA < 85°C
PIN = −10 dBm
(4)
–16.5
–7.9
ƒ = 3500 MHz, PIN = −10 dBm
–13.5
ƒ = 3500 MHz, 25°C < TA < 85°C
PIN = −10 dBm
(4)
–18.1
–9
PMAX
Maximum input power
for ELC = 1 dB
(4)
ƒ = 50 MHz
–5.9
dBm
ƒ = 50 MHz, TA = –40°C to 85°C
–8.85
ƒ = 900 MHz
–6.1
ƒ = 900 MHz, MIN at TA = –40°C to 85°C
–9.3
ƒ = 1855 MHz
–5.5
ƒ = 1855 MHz, TA = –40°C to 85°C
–8.3
ƒ = 2500 MHz
–4.2
ƒ = 2500 MHz, TA = –40°C to 85°C
–6
ƒ = 3000 MHz
–3.7
ƒ = 3000 MHz, TA = –40°C to 85°C
–5.4
ƒ = 3500 MHz
–2.7
ƒ = 3500 MHz, TA = –40°C to 85°C
–7.2


Similar Part No. - LMV221_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV221 TI1-LMV221_14 Datasheet
2Mb / 41P
[Old version datasheet]   50 MHz to 3.5 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
More results

Similar Description - LMV221_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV221 TI1-LMV221_14 Datasheet
2Mb / 41P
[Old version datasheet]   50 MHz to 3.5 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
LMH2100 TI1-LMH2100 Datasheet
1Mb / 49P
[Old version datasheet]   50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMH2100 NSC-LMH2100 Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100_14 Datasheet
2Mb / 43P
[Old version datasheet]   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Analog Devices
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. 0
logo
National Semiconductor ...
LMV225 NSC-LMV225 Datasheet
1Mb / 21P
   RF Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV225 TI1-LMV225 Datasheet
2Mb / 39P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_14 Datasheet
1Mb / 30P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com